Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 31Page - Texas Instruments ADC3641 Datasheet HTML 32Page - Texas Instruments ADC3641 Datasheet HTML 33Page - Texas Instruments ADC3641 Datasheet HTML 34Page - Texas Instruments ADC3641 Datasheet HTML 35Page - Texas Instruments ADC3641 Datasheet HTML 36Page - Texas Instruments ADC3641 Datasheet HTML 37Page - Texas Instruments ADC3641 Datasheet HTML 38Page - Texas Instruments ADC3641 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 77 page
background image
8.3.4.6 Output Formatting with Decimation
8.3.4.6.1 Parallel CMOS
In parallel CMOS mode, the ADC364x device only supports real output with DDR CMOS interface as shown in
Figure 8-35 (real decimation). Here the output format is selected to 14-bit since the parallel output bus only
supports up to 14-bit.
DCLK
DB6
(MSB)
DB0
DA6
(MSB)
DA0
DCLK
DDR CMOS
ChA/B:
DA0..DB0
D6
D0
D6
D0
D13
D7
D13
D7
Figure 8-35. Output Data Format in Real Decimation
Table 8-4 illustrates the output interface data rate along with the corresponding DCLK frequency based on real
decimation setting (M).
Furthermore the table shows an actual lane rate example with complex decimation by 4.
Table 8-4. Parallel CMOS Data Rate Examples with Decimation
REAL/COMPLEX
DECIMATION
DECIMATION
SETTING
ADC SAMPLING RATE
DDR CMOS
DCLK
DOUT
Real
M
FS
DDR
FS / M
FS x 2 / M
4
65 MHz
DDR
16.25 MHz
32.5 MHz
www.ti.com
ADC3643
SBAS886 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com