Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 7Page - Texas Instruments ADC3641 Datasheet HTML 8Page - Texas Instruments ADC3641 Datasheet HTML 9Page - Texas Instruments ADC3641 Datasheet HTML 10Page - Texas Instruments ADC3641 Datasheet HTML 11Page - Texas Instruments ADC3641 Datasheet HTML 12Page - Texas Instruments ADC3641 Datasheet HTML 13Page - Texas Instruments ADC3641 Datasheet HTML 14Page - Texas Instruments ADC3641 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
6.9 Electrical Characteristics - AC Specifications ADC3643
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to T
MAX = 105°C, ADC sampling rate = 65 MSPS, external reference, 50% clock duty cycle, AVDD, IOVDD = 1.8 V, external 1.6V
reference, 5 pF output load, and –1-dBFS differential input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC3643: 65 MSPS
NSD
Noise Spectral Density
fIN = 1.1 MHz, AIN = -20 dBFS
-155.0
dBFS/Hz
SNR
Signal to noise ratio
fIN = 1.1 MHz
79.0
dBFS
fIN = 5 MHz
77.0
79.0
fIN = 10 MHz
79.0
fIN = 20 MHz
78.8
fIN = 40 MHz
77.0
fIN = 64 MHz
74.0
SINAD
Signal to noise and distortion ratio
fIN = 1.1 MHz
79.0
dBFS
fIN = 5 MHz
76.2
79.0
fIN = 10 MHz
78.9
fIN = 20 MHz
78.0
fIN = 40 MHz
76.0
fIN = 64 MHz
73.4
ENOB
Effective number of bits
fIN = 1.1 MHz
12.8
bit
fIN = 5 MHz
12.4
12.8
fIN = 10 MHz
12.8
fIN = 20 MHz
12.8
fIN = 40 MHz
12.5
fIN = 64 MHz
12.0
THD
Total Harmonic Distortion (First five
harmonics)
fIN = 1.1 MHz
88
dBc
fIN = 5 MHz
84
91
fIN = 10 MHz
91
fIN = 20 MHz
85
fIN = 40 MHz
82
fIN = 64 MHz
81
SFDR
Spur free dynamic range including
second and third harmonic distortion
fIN = 1.1 MHz
90
dBc
fIN = 5 MHz
88
93
fIN = 10 MHz
95
fIN = 20 MHz
88
fIN = 40 MHz
83
fIN = 64 MHz
84
Non HD2,3
Spur free dynamic range (excluding
HD2 and HD3)
fIN = 1.1 MHz
100
dBFS
fIN = 5 MHz
93
101
fIN = 10 MHz
98
fIN = 20 MHz
95
fIN = 40 MHz
94
fIN = 64 MHz
90
IMD3
Two tone inter-modulation distortion
f1 = 10 MHz, f2 = 12 MHz, AIN = -7
dBFS/tone
92
dBc
www.ti.com
ADC3643
SBAS886 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com