Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 60 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 56Page - Texas Instruments ADC3641 Datasheet HTML 57Page - Texas Instruments ADC3641 Datasheet HTML 58Page - Texas Instruments ADC3641 Datasheet HTML 59Page - Texas Instruments ADC3641 Datasheet HTML 60Page - Texas Instruments ADC3641 Datasheet HTML 61Page - Texas Instruments ADC3641 Datasheet HTML 62Page - Texas Instruments ADC3641 Datasheet HTML 63Page - Texas Instruments ADC3641 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 77 page
background image
Figure 8-65. Register 0x31/32/33/34
7
6
5
4
3
2
1
0
NCO B [7:0]
NCO B [15:8]
NCO B [23:16]
NCO B [31:24]
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-39. Register 0x31/32/33/34 Field Descriptions
Bit
Field
Type
Reset
Description
7-0
NCO B [31:0]
R/W
0
Sets the 32 bit NCO value for decimation filter channel B. The
NCO value is fNCO× 232/FS
In real decimation mode these registers are automatically set to
0.
Figure 8-66. Register 0x8F
7
6
5
4
3
2
1
0
0
0
0
0
0
0
FORMAT A
0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-40. Register 0x8F Field Descriptions
Bit
Field
Type
Reset
Description
7-2
0
R/W
0
Must write 0
1
FORMAT A
R/W
0
This bit sets the output data format for channel A.
0: 2s complement
1: Offset binary
0
0
R/W
0
Must write 0
Figure 8-67. Register 0x92
7
6
5
4
3
2
1
0
0
0
0
0
0
0
FORMAT B
0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-41. Register 0x92 Field Descriptions
Bit
Field
Type
Reset
Description
7-2
0
R/W
0
Must write 0
1
FORMAT B
R/W
0
This bit sets the output data format for channel B.
0: 2s complement
1: Offset binary
0
0
R/W
0
Must write 0
ADC3643
SBAS886 – OCTOBER 2020
www.ti.com
60
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com