Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 57 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 53Page - Texas Instruments ADC3641 Datasheet HTML 54Page - Texas Instruments ADC3641 Datasheet HTML 55Page - Texas Instruments ADC3641 Datasheet HTML 56Page - Texas Instruments ADC3641 Datasheet HTML 57Page - Texas Instruments ADC3641 Datasheet HTML 58Page - Texas Instruments ADC3641 Datasheet HTML 59Page - Texas Instruments ADC3641 Datasheet HTML 60Page - Texas Instruments ADC3641 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 77 page
background image
Figure 8-60. Register 0x25
7
6
5
4
3
2
1
0
DDC MUX EN
DECIMATION
REAL OUT
0
0
MIX PHASE
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-33. Register 0x25 Field Descriptions
Bit
Field
Type
Reset
Description
7
DDC MUX EN
R/W
0
Enables the digital mux between ADCs and decimation filters.
This bit is required for DDC mux settings in register 0x024 (D4,
D3) to go into effect.
0: DDC mux disabled
1: DDC mux enabled
6-4
DECIMATION
R/W
000
Complex decimation setting. This applies to both channels.
000: Bypass mode (no decimation)
001: Decimation by 2
010: Decimation by 4
011: Decimation by 8
100: Decimation by 16
101: Decimation by 32
others: not used
3
REAL OUT
R/W
0
This bit selects real output decimation. This mode applies to
both channels. In this mode, the decimation filter is a low pass
filter and no complex mixing is performed to reduce power
consumption. For maximum power savings the NCO in this case
should be set to 0.
0: Complex decimation
1: Real decimation
2-1
0
R/W
0
Must write 0
0
MIX PHASE
R/W
0
This bit used to invert the NCO phase
0: NCO phase as is.
1: NCO phase inverted.
www.ti.com
ADC3643
SBAS886 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com