Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 9Page - Texas Instruments ADC3641 Datasheet HTML 10Page - Texas Instruments ADC3641 Datasheet HTML 11Page - Texas Instruments ADC3641 Datasheet HTML 12Page - Texas Instruments ADC3641 Datasheet HTML 13Page - Texas Instruments ADC3641 Datasheet HTML 14Page - Texas Instruments ADC3641 Datasheet HTML 15Page - Texas Instruments ADC3641 Datasheet HTML 16Page - Texas Instruments ADC3641 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
6.10 Timing Requirements (continued)
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to T
MAX = 105°C, ADC sampling rate = 65 MSPS, 50% clock duty cycle, AVDD, IOVDD = 1.8 V, and –1-dBFS differential input,
unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
INTERFACE TIMING - SERIAL CMOS
tPD
Propagation delay: sampling clock falling
edge to DCLK rising edge
Delay between sampling clock falling edge to
DCLKIN falling edge < 2.5ns.
TDCLK = DCLK period
tCDCLK = Sampling clock falling edge to
DCLKIN falling edge
2 + T
DCLK +
tCDCLK
3 + T
DCLK +
tCDCLK
4 + T
DCLK +
tCDCLK
ns
Delay between sampling clock falling edge to
DCLKIN falling edge >= 2.5ns.
TDCLK = DCLK period
tCDCLK = Sampling clock falling edge to
DCLKIN falling edge
2 + t
CDCLK
3 + t
CDCLK
4 + t
CDCLK
tCD
DCLK rising edge to output data delay,
2-wire serial CMOS
Fout = 10 MSPS, DA/B5,6 = 80 MBPS
-0.24
0.10
ns
Fout = 20 MSPS, DA/B5,6 = 160 MBPS
-0.29
0.10
Fout = 30 MSPS, DA/B5,6 = 240 MBPS
-0.28
0.09
DCLK rising edge to output data delay,
1-wire series CMOS
Fout = 5 MSPS, DA/B6 = 80 MBPS
-0.22
0.11
Fout = 10 MSPS, DA/B6 = 160 MBPS
-0.27
0.11
Fout = 15 MSPS, DA/B6 = 240 MBPS
-0.52
0.08
DCLK rising edge to output data delay, 1/2-
wire serial CMOS
Fout = 5 MSPS, DA6 = 160 MBPS
-0.24
0.10
tDV
Data valid, 2-wire serial CMOS
Fout = 10 MSPS, DA/B5,6 = 80 MBPS
12.19 12.36
ns
Fout = 20 MSPS, DA/B5,6 = 160 MBPS
5.93
6.1
Fout = 30 MSPS, DA/B5,6 = 240 MBPS
3.91
4.07
Data valid, 1-wire serial CMOS
Fout = 5 MSPS, DA/B6 = 80 MBPS
12.21 12.39
Fout = 10 MSPS, DA/B6 = 160 MBPS
5.95
6.1
Fout = 15 MSPS, DA/B6 = 240 MBPS
3.83
4.08
Data valid, 1/2-wire serial CMOS
Fout = 5 MSPS, DA6 = 160 MBPS
5.36
6.13
SERIAL PROGRAMMING INTERFACE (SCLK, SEN, SDIO) - Input
fCLK(SCLK) Serial clock frequency
20
MHz
tSU(SEN)
SEN to rising edge of SCLK
10
ns
tH(SEN)
SEN from rising edge of SCLK
9
tSU(SDIO)
SDIO to rising edge of SCLK
17
tH(SDIO)
SDIO from rising edge of SCLK
9
SERIAL PROGRAMMING INTERFACE (SDIO) - Output
t(OZD)
SDIO tri-state to driven
3.9
10.8
ns
t(ODZ)
SDIO data to tri-state
3.4
14
t(OD)
SDIO valid from falling edge of SCLK
3.9
10.8
www.ti.com
ADC3643
SBAS886 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com