Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 52 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 48Page - Texas Instruments ADC3641 Datasheet HTML 49Page - Texas Instruments ADC3641 Datasheet HTML 50Page - Texas Instruments ADC3641 Datasheet HTML 51Page - Texas Instruments ADC3641 Datasheet HTML 52Page - Texas Instruments ADC3641 Datasheet HTML 53Page - Texas Instruments ADC3641 Datasheet HTML 54Page - Texas Instruments ADC3641 Datasheet HTML 55Page - Texas Instruments ADC3641 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 77 page
background image
Figure 8-51. Register 0x14/15/16
7
6
5
4
3
2
1
0
CUSTOM PAT [7:0]
CUSTOM PAT [15:8]
TEST PAT B
TEST PAT A
CUSTOM PAT [17:16]
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-22. Register 0x14/15/16 Field Descriptions
Bit
Field
Type
Reset
Description
7-0
CUSTOM PAT [17:0]
R/W
00000000
This register is used for two purposes:
•
It sets the constant custom pattern starting from MSB
•
It sets the RAMP pattern increment step size.
00001: Ramp pattern for 18-bit ADC
00100: Ramp pattern for 16-bit ADC
10000: Ramp pattern for 14-bit ADC
7-5
TEST PAT B
R/W
000
Enables test pattern output mode for channel B (NOTE: The test
pattern is set prior to the bit mapper and is based on native
resolution of the ADC starting from the MSB). These work in
either output format.
000: Normal output mode (test pattern output disabled)
010: Ramp pattern: need to set proper increment using
CUSTOM PAT register
011: Constant Pattern using CUSTOM PAT [17:0] in register
0x14/15/16.
others: not used
4-2
TEST PAT A
R/W
000
Enables test pattern output mode for channel A (NOTE: The test
pattern is set prior to the bit mapper and is based on native
resolution of the ADC starting from the MSB). These work in
either output format.
000: Normal output mode (test pattern output disabled)
010: Ramp pattern: need to set proper increment using
CUSTOM PAT register
011: Constant Pattern using CUSTOM PAT [17:0] in register
0x14/15/16.
others: not used
Figure 8-52. Register 0x18
7
6
5
4
3
2
1
0
0
0
0
DCLKIN EN
0
0
0
0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-23. Register 0x18 Field Descriptions
Bit
Field
Type
Reset
Description
7-5
0
R/W
0
Must write 0
4
DCLKIN EN
R/W
0
This bit enables the DCLKIN clock input buffer for serial CMOS
modes. Also DCLKIN EN (0x1F, D6) needs to be set as well.
0: DCLKIN buffer powered down.
1: DCLKIN buffer enabled.
3-0
0
R/W
0
Must write 0
ADC3643
SBAS886 – OCTOBER 2020
www.ti.com
52
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com