Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 11Page - Texas Instruments ADC3641 Datasheet HTML 12Page - Texas Instruments ADC3641 Datasheet HTML 13Page - Texas Instruments ADC3641 Datasheet HTML 14Page - Texas Instruments ADC3641 Datasheet HTML 15Page - Texas Instruments ADC3641 Datasheet HTML 16Page - Texas Instruments ADC3641 Datasheet HTML 17Page - Texas Instruments ADC3641 Datasheet HTML 18Page - Texas Instruments ADC3641 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
Input Frequency (MHz)
0
10
20
30
-140
-120
-100
-80
-60
-40
-20
0
D008
AIN = -7 dBFS/tone
Figure 6-7. Two Tone FFT at FIN = 10/12 MHz
Input Frequency (MHz)
0
10
20
30
-140
-120
-100
-80
-60
-40
-20
0
D009
AIN = -20 dBFS/tone
Figure 6-8. Two Tone FFT at FIN = 10/12 MHz
Input Frequency (MHz)
0
10
20
30
40
50
60
70
73
80
75
85
77
90
79
95
81
100
83
105
85
110
D020
SNR, ext REF
SFDR, ext REF
Non HD23, ext REF
SNR, int REF
SFDR, int REF
Non HD23, int REF
Figure 6-9. AC Performance vs Input Frequency
Input Frequency (MHz)
0
10
20
30
40
50
60
70
11.8
12
12.2
12.4
12.6
12.8
13
D021
Ext REF
Int REF
Figure 6-10. ENOB vs Input Frequency
Input Amplitude (dBFS)
-80
-70
-60
-50
-40
-30
-20
-10
0
79
30
79.5
45
80
60
80.5
75
81
90
81.5
105
D026
SNR
SFDR
Non HD23
FIN = 5 MHz
Figure 6-11. AC Performance vs Input Amplitude
ADC Sampling Rate (MSPS)
10
15
20
25
30
35
40
45
50
55
60
65
77
80
77.5
85
78
90
78.5
95
79
100
79.5
105
80
110
80.5
115
D029
SNR
SFDR
Non HD23
FIN = 5 MHz
Figure 6-12. AC Performance vs Sampling Rate
www.ti.com
ADC3643
SBAS886 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com