Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3641 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 48 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 44Page - Texas Instruments ADC3641 Datasheet HTML 45Page - Texas Instruments ADC3641 Datasheet HTML 46Page - Texas Instruments ADC3641 Datasheet HTML 47Page - Texas Instruments ADC3641 Datasheet HTML 48Page - Texas Instruments ADC3641 Datasheet HTML 49Page - Texas Instruments ADC3641 Datasheet HTML 50Page - Texas Instruments ADC3641 Datasheet HTML 51Page - Texas Instruments ADC3641 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 77 page
background image
Figure 8-46. Register 0x0A/B/C
7
6
5
4
3
2
1
0
CMOS OB DIS [23:0]
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-16. Register 0x0A/B/C Field Descriptions
Bit
Field
Type
Reset
Description
7:0
CMOS OB DIS [23:0]
R/W
0
These register bits power down the individual CMOS output
buffers. See Table 8-17 for the actual bit to pin mapping. Unused
pins should be powered down (ie set to 1) for maximum power
savings. Even though unused outputs don't toggle there is still a
small amount of static power (< 1mA) that can be saved by
disabling the output buffers.
There is a separate control to enable the DCLKIN buffer in
register 0x1F (D6) and 0x18 (D4). DCLK output buffer is
powered down using register 0x1F (D4).
NOTE: When using serial CMOS interface the CMOS output
buffer (0x0A, D3 (DB1)) has to be powered down because it
shares the pin with DCLKIN.
0: Output buffer enabled
1: Output buffer powered down
Table 8-17. Output buffer enable bit mapping vs output interface mode
ADDRESS (HEX)
BIT
PIN NAME
DDR CMOS
SCMOS 2-w
SCMOS 1-w
SCMOS 1/2-w
0x0A
D7
DB5
DB5
DB5
-
-
D6
DB4
DB4
-
-
-
D5
-
-
-
-
-
D4
DB2
DB2
-
-
-
D3
DB1
DB1
DCLKIN
DCLKIN
DCLKIN
D2
DB0
DB0
-
-
-
D1/D0
-
-
-
-
-
Register setting
0x23
0x7F
0xFF
0xFF
0x0B
D7
DA4
DA4
-
-
-
D6
-
-
-
-
-
D5
DA2
DA2
-
-
-
D4
DA1
DA1
FCLK
FCLK
FCLK
D3
DA0
DA0
-
-
-
D2/D1
-
-
-
-
-
D0
DB6
DB6
DB6
DB6
-
Register setting
0x46
0xEE
0xEE
0xEF
0x0C
D7/D6/D5/D4
-
-
-
-
-
D3
DA3
DA3
-
-
-
D2
DB3
DB3
-
-
-
D1
DA6
DA6
DA6
DA6
DA6
D0
DA5
DA5
DA5
-
-
Register setting
0xF0
0xFC
0xFD
0xFD
ADC3643
SBAS886 – OCTOBER 2020
www.ti.com
48
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com