Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 9 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 9 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 5Page - Linx Technologies MDEV-868-PRC Datasheet HTML 6Page - Linx Technologies MDEV-868-PRC Datasheet HTML 7Page - Linx Technologies MDEV-868-PRC Datasheet HTML 8Page - Linx Technologies MDEV-868-PRC Datasheet HTML 9Page - Linx Technologies MDEV-868-PRC Datasheet HTML 10Page - Linx Technologies MDEV-868-PRC Datasheet HTML 11Page - Linx Technologies MDEV-868-PRC Datasheet HTML 12Page - Linx Technologies MDEV-868-PRC Datasheet HTML 13Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
–
–
–
–
12
13
0.45"
(11.43)
0.812"
(20.62)
0.116"
(2.95)
0.271"
(6.88)
0.195"
(4.96)
0.078"
(1.98)
Module Dimensions
Figure 17: HumPRCTM Series Transceiver Dimensions
0.45"
(11.43)
0.55"
(13.97)
0.07"
(1.78)
Figure 18: HumPRCTM Series Transceiver Encapsulated Version Dimensions
Pin Descriptions
Pin Number
Name
I/O Description
13
LATCH_EN
I
If this line is high, then the status line
outputs are latched (a received command
to activate a status line toggles the output
state). If this line is low, then the output lines
are momentary (active for as long as a valid
signal is received). Do not leave floating.
19
ANTENNA
—
50-ohm RF Antenna Port
21
VCC
—
Supply Voltage
22
RESET2
I
This line resets the module when pulled
low. It should be pulled high for normal
operation. Leave unconnected to minimize
leakage current.
23
LNA_EN
0
Low Noise Amplifier Enable. This line is
driven high when receiving. It is intended to
activate an optional external LNA.
24
PA_EN
O
Power Amplifier Enable. This line is driven
high when transmitting. It is intended to
activate an optional external power amplifier.
26
CMD_DATA_OUT
O
Command Data Out. Output line for the
serial interface commands
27
CMD_DATA_IN
I
Command Data In. Input line for the serial
interface commands. If serial control is not
used, this line should be tied to supply to
minimize current consumption.
28
ACK_EN
I
Pull this line high to enable the module to
send an acknowledgement message after
a valid control message has been received.
Do not leave floating.
29
PB1
I
A high on this line initiates the Join Process,
which causes two units to accept each
other’s transmissions. It is also used with
a special sequence to reset the module to
factory default configuration.
30
MODE_IND
O
This line indicates module activity. It can
source enough current to drive a small
LED, causing it to flash. The duration of the
flashes indicates the module’s current state.
31
ACK_OUT
O
This line goes high when the module
receives an acknowledgement message
from another module after sending a control
message.
1.
These lines have an internal 20k
Ω pull-down resistor
2.
These lines have an internal 10k
Ω pull-up resistor
Figure 16: HumPRCTM Series Transceiver Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com