Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 21 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 21 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 17Page - Linx Technologies MDEV-868-PRC Datasheet HTML 18Page - Linx Technologies MDEV-868-PRC Datasheet HTML 19Page - Linx Technologies MDEV-868-PRC Datasheet HTML 20Page - Linx Technologies MDEV-868-PRC Datasheet HTML 21Page - Linx Technologies MDEV-868-PRC Datasheet HTML 22Page - Linx Technologies MDEV-868-PRC Datasheet HTML 23Page - Linx Technologies MDEV-868-PRC Datasheet HTML 24Page - Linx Technologies MDEV-868-PRC Datasheet HTML 25Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
–
–
–
–
36
37
The Command Data Interface
The HumPRCTM Series transceiver has a serial Command Data Interface
(CDI) that is used to configure and control the transceiver through
software commands. This interface consists of a standard UART with a
serial command set. The CMD_DATA_IN and CMD_DATA_OUT lines are
the interface to the module’s UART. The UART is configured for 1 start
bit, 1 stop bit, 8 data bits, no parity and a serial data rate set by register
UARTBAUD (default 9,600bps).
Configuration settings are stored in two types of memory inside the
module. Volatile memory is quick to access, but it is lost when power is
removed from the module. Non-volatile memory has a limited number of
write cycles, but is retained when power is removed. When a configuration
parameter has both a non-volatile and volatile register, the volatile register
controls the operation unless otherwise stated. The non-volatile register
holds the default value that is loaded into the volatile register on power-up.
Configuration settings are read from non-volatile memory on power up
and saved in volatile memory. The volatile and non-volatile registers have
different address locations, but the same read and write commands. The
two locations can be changed independently.
The general serial command format for the module is:
[FF] [Length] [Command]
The Length byte is the number of bytes in the Command field. The
Command field contains the register address that is to be accessed and,
in the case of a write command, the value to be written. Neither Length nor
Command can contain a 0xFF byte.
Byte values of 128 (0x80) or greater can be sent as a two-byte escape
sequence of the format:
0xFE, [value - 0x80]
For example, the value 0x83 becomes 0xFE, 0x03. The Length count
includes the added escape bytes.
A response is returned for all valid commands. The first response byte is
CMD_ACK (0x06) or CMD_NACK (0x15). Additional bytes may follow, as
determined by the specific command.
Reading from Registers
A register read command is constructed by placing an escape character
(0xFE) before the register number. The module responds by sending an
ACK (0x06) followed by the register number and register value. The register
value is sent unmodified, so if the register value is 0x83, 0x83 is returned.
If the register number is invalid, the module responds with a NACK (0x15).
The command and response are shown in Figure 28.
Figure 28: HumPRCTM Series Read from Configuration Register Command and Response
HumPRCTM Series Read From Configuration Register
Command
Header
Size
Escape Address
0xFF
0x02
0xFE
REG
Response
ACK
Address
Value
0x06
REG
V
Command for an Address greater than 128 (0x80)
Header
Size
Escape
Addr1
Addr2
0xFF
0x03
0xFE
0xFE
REG-80
Response
ACK
Address
Value
0x06
REG
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com