Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 41 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 41 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 37Page - Linx Technologies MDEV-868-PRC Datasheet HTML 38Page - Linx Technologies MDEV-868-PRC Datasheet HTML 39Page - Linx Technologies MDEV-868-PRC Datasheet HTML 40Page - Linx Technologies MDEV-868-PRC Datasheet HTML 41Page - Linx Technologies MDEV-868-PRC Datasheet HTML 42Page - Linx Technologies MDEV-868-PRC Datasheet HTML 43Page - Linx Technologies MDEV-868-PRC Datasheet HTML 44Page - Linx Technologies MDEV-868-PRC Datasheet HTML 45Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
–
–
–
–
76
77
LASTNETAD - Last Network Address Assigned
Non-Volatile Address = 0x8C-0x8F
These bytes contain the last address assigned using the Join Process.
When a new unit joins the network, it is assigned the next address
and this value is incremented in the administrator. It is initially set to the
administrator address when a network key is generated.
EEXMASK - Extended Exception Mask
Volatile Address = 0xD0-0xD2; Non-Volatile Address = 0x80-0x82
These registers contain a mask for the events in EEXFLAG, using the same
offset and bit number.
To use this value, register EXMASK must be zero. If EXMASK is non-zero,
this register has no effect on the EX line.
When an exception bit is set in EEXFLAG, the corresponding EEXMASK
bit is set, and EXMASK is zero, the EX status line is set, otherwise the
EX line is reset. Mask bits for unassigned flags should be zero for future
compatibility.
PKTOPT - Packet Options
Volatile Address = 0xD3; Non-Volatile Address = 0x83
This register selects options for transferring packet data in the HumPROTM
Series. These options are controlled automatically by the HumPRCTM
application and do not have any effect on its operation.
Figure 80: HumPRCTM Series Transceiver Extended Exception Mask Registers
HumPRCTM Series Extended Exception Mask Registers
Name
Volatile
Address
Non-Volatile
Address
Description
EEXMASK2
0xD0
0x80
Byte 2 of the extended exception mask
EEXMASK1
0xD1
0x81
Byte 1 of the extended exception mask
EEXMASK0
0xD2
0x82
LSB of the extended exception mask
Figure 81: HumPRCTM Series Transceiver Extended Exception Mask Registers
HumPRCTM Series Extended Exception Mask Registers
Name
Non-Volatile
Address
Description
LASTNETAD3
0x8C
MSB of the last network address assigned
LASTNETAD2
0x8D
Byte 2 of the last network address assigned
LASTNETAD1
0x8E
Byte 1 of the last network address assigned
LASTNETAD0
0x8F
LSB of the last network address assigned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com