Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 32 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 32 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 28Page - Linx Technologies MDEV-868-PRC Datasheet HTML 29Page - Linx Technologies MDEV-868-PRC Datasheet HTML 30Page - Linx Technologies MDEV-868-PRC Datasheet HTML 31Page - Linx Technologies MDEV-868-PRC Datasheet HTML 32Page - Linx Technologies MDEV-868-PRC Datasheet HTML 33Page - Linx Technologies MDEV-868-PRC Datasheet HTML 34Page - Linx Technologies MDEV-868-PRC Datasheet HTML 35Page - Linx Technologies MDEV-868-PRC Datasheet HTML 36Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
–
–
–
–
58
59
DESTDSN - Destination Serial Number
Volatile Address = 0x68-0x6B; Non-Volatile Address = 0x1D-0x20
These registers contain the serial number of the destination module when
DSN Addressing Mode is enabled. Each register byte is read and written
separately.
Figure 52 shows the Destination DSN registers.
HumPRCTM Series Destination DSN Registers
Name
Volatile
Address
Non-Volatile
Address
Description
DESTDSN3
0x68
0x1D
MSB of the destination DSN
DESTDSN2
0x69
0x1E
Byte 2 of the destination DSN
DESTDSN1
0x6A
0x1F
Byte 1 of the destination DSN
DESTDSN0
0x6B
0x20
LSB of the destination DSN
Figure 52: HumPRCTM Series Destination DSN Registers
RCCTL - RC Control
Volatile Address = 0x6D; Non-Volatile Address = 0x22
This register controls RC behavior.
When ENC01 is 1, the C0 and C1 lines control the status line direction.
When 0, register RCDIR controls the status line direction. Please see the
Configuring the Status Lines section for more details.
When LATCHOP is 1, all output status lines are latched, regardless of the
LATCH_EN line state. When 0, the LATCH_EN line determines the latching
status of the output lines.
Figure 53: HumPRCTM Series RC Control Command and Response
Figure 54: HumPRCTM Series RC Control Register Settings
HumPRCTM Series RC Control
Read Command
Read Response
Header
Size
Escape
Address
ACK
Address
Value
0xFF
0x02
0xFE
0x6D
0x22
0x06
0x6D
0x22
V
Write Command
Header
Size
Address
Value
0xFF
0x02
0x6D
0x22
V
HumPRCTM Series RC Control Values
RCCTL Bit
Control
0
ENC01 – Enable C0 and C1 control inputs
1
LATCHOP – latch outputs
2
Reserved
3
Reserved
4
Reserved
5
Reserved
6
Reserved
7
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com