Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 4 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 4 Page - Linx Technologies

  MDEV-868-PRC Datasheet HTML 1Page - Linx Technologies MDEV-868-PRC Datasheet HTML 2Page - Linx Technologies MDEV-868-PRC Datasheet HTML 3Page - Linx Technologies MDEV-868-PRC Datasheet HTML 4Page - Linx Technologies MDEV-868-PRC Datasheet HTML 5Page - Linx Technologies MDEV-868-PRC Datasheet HTML 6Page - Linx Technologies MDEV-868-PRC Datasheet HTML 7Page - Linx Technologies MDEV-868-PRC Datasheet HTML 8Page - Linx Technologies MDEV-868-PRC Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
–
–
–
–
2
3
HumPRCTM Series Transceiver Specifications
Parameter
Symbol
Min.
Typ.
Max.
Units Notes
Power Supply
Operating Voltage
V
CC
2.0
3.6
VDC
TX Supply Current
l
CCTX
at +10dBm
40.5
41.5
mA
1,2
at 0dBm
22
24
mA
1,2
RX Supply Current
l
CCRX
23.5
24.5
mA
1,2,3
Power-Down Current
l
PDN
0.7
1.4
µA
1,2
RF Section
Operating Frequency Band
F
C
863
870
MHz
Number of hop channels
70
Channel spacing
100
kHz
20 dB OBW
48
kHz
Receiver BW
102
kHz
FSK deviation
± 14
kHz
Scan time / channel (avg)
0.91
ms
Channel Lock time
76
ms
RF Data Rate
38.4
kbps
Modulation
GFSK
Data Encoding
6/7 RLL
Number of Hop Sequences
6
Receiver Section
Spurious Emissions
–47
dBm
IF Frequency
330.078
kHz
Receiver Sensitivity
–97
–100
dBm
5
RSSI Dynamic Range
85
dB
Transmitter Section
Max Output Power
P
O
+8.5
+10.6
dBm
6,15
Harmonic Emissions
P
H
–41
dBc
6
Output Power Range
–5
9
dB
6
Antenna Port
RF Impedance
R
IN
50
Ω
4
Environmental
Operating Temp. Range
−40
+85
ºC
4
Electrical Specifications
Ordering Information
Figure 2: Ordering Information
Warning: This product incorporates numerous static-sensitive
components. Always wear an ESD wrist strap and observe proper ESD
handling procedures when working with this device. Failure to observe
this precaution may result in module damage or failure.
Absolute Maximum Ratings
Supply Voltage V
cc
−0.3
to
+3.9
VDC
Any Input or Output Pin
−0.3
to
V
CC + 0.3
VDC
RF Input
0
dBm
Operating Temperature
−40
to
+85
ºC
Storage Temperature
−40
to
+85
ºC
Exceeding any of the limits of this section may lead to permanent damage to the device.
Furthermore, extended operation at these maximum ratings may reduce the life of this
device.
Absolute Maximum Ratings
Figure 3: Absolute Maximum Ratings
Ordering Information
Part Number
Description
HUM-868-PRC
868MHz HumPRC™ Series Remote Control Transceiver,
Castellation Interface, External Antenna Connection
HUM-868-PRC-CAS
868MHz HumPRC™ Series Remote Control Transceiver,
Castellation Interface, External Antenna Connection
HUM-868-PRC-UFL
868MHz HumPRC™ Series Remote Control Transceiver,
Castellation Interface, U.FL / MHF Compatible Connector
EVM-868-PRC-CAS
868MHz HumPRC™ Series Carrier Board, Through-Hole Pin
Interface, SMA Connector
EVM-868-PRC-UFL
868MHz HumPRC™ Series Carrier Board, Through-Hole Pin
Interface, U.FL / MHF Compatible Connector
MDEV-868-PRC
868MHz HumPRC™ Series Master Development System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com