Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 8 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 8 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 4Page - Linx Technologies MDEV-868-PRC Datasheet HTML 5Page - Linx Technologies MDEV-868-PRC Datasheet HTML 6Page - Linx Technologies MDEV-868-PRC Datasheet HTML 7Page - Linx Technologies MDEV-868-PRC Datasheet HTML 8Page - Linx Technologies MDEV-868-PRC Datasheet HTML 9Page - Linx Technologies MDEV-868-PRC Datasheet HTML 10Page - Linx Technologies MDEV-868-PRC Datasheet HTML 11Page - Linx Technologies MDEV-868-PRC Datasheet HTML 12Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
–
–
–
–
10
11
Pin Assignments
There are three version of the module. The standard version is the smallest.
The other versions have mostly the same pin assignments, but the antenna
is routed to either a castellation (-CAS) or a U.FL connector (-UFL),
depending on the part number ordered.
Figure 14: HumPRCTM Series Transceiver Standard Version Pin Assignments (Top View)
Pin Descriptions
Pin Number
Name
I/O Description
1, 2, 3, 4, 5,
6, 7, 8
S0–S71
I/O
Status Lines. Each line can be configured
as either an input to register button or
contact closures or as an output to control
application circuitry.
9, 14, 15, 16,
17, 18, 20,
25, 32
GND
—
Ground
10
C0
I
This line sets the input/output direction for
status lines S0-S3. When low, the lines are
outputs; when high they are inputs. Do not
leave floating.
11
C1
I
This line sets the input/output direction for
status lines S4-S7. When low, the lines are
outputs; when high they are inputs. Do not
leave floating.
12
POWER_DOWN
I
Power Down. Pulling this line low places the
module into a low-power state. The module
is not functional in this state. Pull high for
normal operation. Do not leave floating.
Pin Descriptions
30
31
32
1
2
3
4
20
19
18
17
16
15
14
5
678
9 10 11 12 13
29 28 27 26 25 24 23 22 21
ANT
GND
GND
GND
GND
GND
GND
ACK_OUT
MODE_IND
GND
S7
S4
S5
S6
30
31
32
1
2
3
4
19
18
5
678
9 10 11 12 13
29 28 27 26 25 24 23 22 21
ACK_OUT
MODE_IND
GND
S7
S4
S5
S6
ANT
Figure 13: HumPRCTM Series Transceiver Encapsulated Version Pin Assignments - Castellation Connection (Top View)
30
31
32
1
2
3
4
19
18
5
678
9 10 11 12 13
29 28 27 26 25 24 23 22 21
ACK_OUT
MODE_IND
GND
S7
S4
S5
S6
NC
Figure 15: HumPRCTM Series Transceiver Encapsulated Version Pin Assignments - UFL Connection (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com