Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 39 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 39 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 35Page - Linx Technologies MDEV-868-PRC Datasheet HTML 36Page - Linx Technologies MDEV-868-PRC Datasheet HTML 37Page - Linx Technologies MDEV-868-PRC Datasheet HTML 38Page - Linx Technologies MDEV-868-PRC Datasheet HTML 39Page - Linx Technologies MDEV-868-PRC Datasheet HTML 40Page - Linx Technologies MDEV-868-PRC Datasheet HTML 41Page - Linx Technologies MDEV-868-PRC Datasheet HTML 42Page - Linx Technologies MDEV-868-PRC Datasheet HTML 43Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
–
–
–
–
72
73
The Reload Key command copies the key in non-volatile memory (NKN)
to the volatile location (NKV). This allows a sophisticated system to change
the keys during operation and quickly revert back to the default key.
The Non-volatile Reset command (FF 07 FE 47 20 FE 2A FE 3B) sets
all non-volatile registers to their default values. When the configuration is
reset, the following message, shown in quotes, is sent out the UART at the
current baud rate, then the module is reset, similar to a power cycle:
“\r\nConfiguration Reset\r\n”.
This reset can also be done by toggling the PB line as described in the
Restore Factory Defaults section.
SECSTAT - Security Status
Volatile Address = 0xC9
This volatile read-only register provides status of the security features.
The command returns a single byte. Figure 75 shows the meanings of the
bits in the returned value byte.
Figure 74: HumPRCTM Series Transceiver Security Status Command and Response
HumPRCTM Series Security Status
Read Command
Read Response
Header
Size
Escape
Escape
Address
ACK
Address
Value
0xFF
0x03
0xFE
0xFE
0x49
0x06
0xC9
V
HumPRCTM Series Security Status Value
Bit
Status
0
Reserved
1
0 = No volatile key is set
1 = A volatile key is set
2
0 = No non-volatile key is set
1 = A non-volatile key is set
3
Reserved
4
Reserved
5
Reserved
6
Reserved
7
Reserved
Figure 75: HumPRCTM Series Security Status Values
JOINST - Join Status
Volatile Address = 0xCA
This volatile read-only register shows the current or previous state of Join
activity since the module was last reset.
The command returns a single byte. Figure shows the meanings of the
returned value byte.
Figure 76: HumPRCTM Series Transceiver Join Status Command and Response
HumPRCTM Series Join Status
Read Command
Read Response
Header
Size
Escape
Escape Address
ACK
Address
Value
0xFF
0x03
0xFE
0xFE
0x4A
0x06
0xCA
V
Figure 77: HumPRCTM Series Transceiver Join Status Value
HumPRCTM Series Join Status Value
Bit
Status
0 - 5
Last Join Result (decimal):
Last Operation Successful
0x00: Module unpaired since restart
0x01: New key generated
0x02: Successfully sent address to another unit
0x03: Successfully sent address and key to another unit
0x04: Successfully obtained key from administrator
0x05: Successfully obtained address from administrator
0x06: Successfully obtained key and address from administrator
0x07: New address generated without key
0x08: New key generated without address
Last Operation Failed
0x0A: Fail: operation canceled
0x0B: Fail: timeout
0x0C: Fail: Invalid Generate Key and Address request
0x0D: Fail: Assignment message didn’t contain key
0x0E: Fail: Administrator has no key to send when SECOPT:PSHARE=1
0x0F: Fail: Administrator has no address to send
0x10: Fail: Inconsistent Network Address Registers USRC, UMASK, LASTNETAD
0x11: Fail: LASTNETAD overflow
0x12: Fail: GET_KEY key and address change disabled.
Current Operation
0x20: Detecting PB sequence
0x21: Waiting for joining unit
0x22: Another joining unit detected. Joining is in progress.
6
+0x64: JOINACT – MODE_IND is active with pairing status, serial write
operations are inhibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com