Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 13 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 13 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 9Page - Linx Technologies MDEV-868-PRC Datasheet HTML 10Page - Linx Technologies MDEV-868-PRC Datasheet HTML 11Page - Linx Technologies MDEV-868-PRC Datasheet HTML 12Page - Linx Technologies MDEV-868-PRC Datasheet HTML 13Page - Linx Technologies MDEV-868-PRC Datasheet HTML 14Page - Linx Technologies MDEV-868-PRC Datasheet HTML 15Page - Linx Technologies MDEV-868-PRC Datasheet HTML 16Page - Linx Technologies MDEV-868-PRC Datasheet HTML 17Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
–
–
–
–
20
21
Polite Spectrum Access
Europe’s ETSI standards have very specific requirements for operating in
the 868MHz band, which are contained in EN 300 220-1. One of the items
is called Polite Spectrum Access (PSA) and is a method of performing a
Clear Channel Assessment before transmitting to mitigate interference with
other systems.
The HUM-868-PRO employs Polite Spectrum Access. This allows the
module to exceed the 0.01% duty cycle limitation that otherwise applies
to modules operating in the 863-870MHz band. This is advantageous for
systems that need to transmit large data streams or have an unpredictable
usage pattern.
Systems that employ Polite Spectrum Access, while exempt from the
normal duty cycle restrictions, must meet channel occupancy time
requirements in ETSI EN 300 220-1 v3.1.1 section 5.21.3. The HUM-868
PRO module has a built-in mechanism that ensures compliance to this
requirement by internally limiting each channel’s cumulative on time. This
limits the transmission time on any given channel to 33.3 seconds per hour.
The module uses 70 channels so it can transmit for 2,333s of every hour or
about 64% assuming no delay for transmissions by other units.
It is preferable to spread the transmit time out evenly to avoid using all of
the time at the start of the hour and then having 21 minutes’ delay at the
end of the hour. To accomplish this, the module divides the time into blocks
of 180s called bandspread intervals. The module can transmit on each
channel for 1.66s of every 180s (33.3s of every 3600s ÷ 20).
The PSA options are configured with the ENCSMA register. Setting the
register to 0x00 disables PSA and the transmission is immediate. This can
be used in applications with an inherent duty cycle <0.1%.
Setting the register to 0x01 enables LBT but without the transmitter on time
duty cycle restriction.
Setting the register to 0x02 enables the full LBT with transmitter on time
restriction. This complies with the ETSI regulations for LBT + AFA.
Leaving the register in its default value of 0x02 enables Polite Spectrum
Access. To maintain validity of the HUM-868-PRO module Declaration of
Conformity (DoC) this setting (0x02) must be used and must not be user
adjustable.
ETSI Compliance
The HumPRC™ Series module has been tested and conforms to
requirements of the current Radio Equipment Directive (RED) standards.
The module’s test report and Declaration of Conformity (DoC) are available
from Linx Technologies upon request. Linx Technologies Reference Guide
RG-00111 outlines the test setup and radio configurations that were used
in the testing and certification of this device.
Designs that incorporate the module as it was tested in RG-00111 may
utilize portions of our test data in their application. For those designs that
differ, please contact Linx Technologies for certification assistance and
advice.
Note: The integrator is solely responsible for ensuring that the final
product complies with CE / ETSI requirements. This includes all testing
and any application specific requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com