Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 33 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 33 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 29Page - Linx Technologies MDEV-868-PRC Datasheet HTML 30Page - Linx Technologies MDEV-868-PRC Datasheet HTML 31Page - Linx Technologies MDEV-868-PRC Datasheet HTML 32Page - Linx Technologies MDEV-868-PRC Datasheet HTML 33Page - Linx Technologies MDEV-868-PRC Datasheet HTML 34Page - Linx Technologies MDEV-868-PRC Datasheet HTML 35Page - Linx Technologies MDEV-868-PRC Datasheet HTML 36Page - Linx Technologies MDEV-868-PRC Datasheet HTML 37Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
–
–
–
–
60
61
CMDHOLD - CMD Halts Traffic
Volatile Address = 0x6E; Non-Volatile Address = 0x23
This register selects options for transferring packet data in the HumPROTM
Series. These options are controlled automatically by the HumPRCTM
application and do not have any effect on its operation.
COMPAT - Compatibility Mode
Volatile Address = 0x70; Non-Volatile Address = 0x25
This register selects options for transferring packet data in the HumPROTM
Series. These options are controlled automatically by the HumPRCTM
application and do not have any effect on its operation.
RCDIR - RC Status Line Direction Select
Volatile Address = 0x6F; Non-Volatile Address = 0x24
This register controls the direction of the associated status line. When bit
n is 1, status line Sn is an input line. When bit n is 0, status line Sn is an
output line.
On startup, if the ENC01 bit in the RCCTL register is 0, v:RCDIR is set to
nv:RCDIR. If ENC01 is 1 on startup, nv:RCDIR is set by control lines C0
and C1.
An attempt to write this register when nv:RCCTL.ENC01 = 1 results in a
CMD_NACK response.
Figure 55: HumPRCTM Series Transceiver RC Status Line Direction Select Command and Response
HumPRCTM Series RC Status Line Direction Select
Read Command
Read Response
Header
Size
Escape
Address
ACK
Address
Value
0xFF
0x02
0xFE
0x6F
0x24
0x06
0x6F
0x24
V
Write Command
Header
Size
Address
Value
0xFF
0x02
0x6F
0x24
V
AUTOADDR - Auto Addressing
Volatile Address = 0x71; Non-Volatile Address = 0x26
This register is controlled automatically by the HumPRCTM application, so
should not be changed by external commands.
HumPRCTM Series RC Status Line Direction Select Values
RCDIR Bit
Status Line
Value
0
S0 Direction
0 = Output
1 = Input
1
S1 Direction
2
S2 Direction
3
S3 Direction
4
S4 Direction
5
S5 Direction
6
S6 Direction
7
S7 Direction
Figure 56: HumPRCTM Series Transceiver RC Status Line Direction Select Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com