Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 28 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 28 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 24Page - Linx Technologies MDEV-868-PRC Datasheet HTML 25Page - Linx Technologies MDEV-868-PRC Datasheet HTML 26Page - Linx Technologies MDEV-868-PRC Datasheet HTML 27Page - Linx Technologies MDEV-868-PRC Datasheet HTML 28Page - Linx Technologies MDEV-868-PRC Datasheet HTML 29Page - Linx Technologies MDEV-868-PRC Datasheet HTML 30Page - Linx Technologies MDEV-868-PRC Datasheet HTML 31Page - Linx Technologies MDEV-868-PRC Datasheet HTML 32Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
–
–
–
–
50
51
MAXTXRETRY - Maximum Transmit Retries
Volatile Address = 0x52; Non-Volatile Address = 0x07
The value in the MAXTXRETRY register sets the number of transmission
retries performed if an acknowledgement is not received. If an
acknowledgement is not received after the last retry, exception EX_
NORFACK is raised. Figure 39 shows examples of the command.
The time between retries depends on the current baud rate. Figure 40
shows the time between retries based on baud rate. The elapsed transmit
and acknowledgment time is (retries+1) × (PacketTransmitTime + Timeout).
Figure 39: HumPRCTM Series Maximum Transmit Retries Command and Response
HumPRCTM Series Acknowledgement Timeout Times
Baud Rate
Timeout Time
9,600
50ms
19,200
50ms
38,400
30ms
57,600
30ms
115,200
30ms
Figure 40: HumPRCTM Series Acknowledgement Timeout Times
HumPRCTM Series Maximum Transmit Retries
Read Command
Read Response
Header
Size
Escape
Address
ACK
Address
Value
0xFF
0x02
0xFE
0x52
0x07
0x06
0x52
0x07
V
Write Command
Header
Size
Address
Value
0xFF
0x02
0x52
0x07
V
ENCRC - CRC Enable
Volatile Address = 0x53; Non-Volatile Address = 0x08
The protocol includes a Cyclic Redundancy Check (CRC) on the received
unencrypted packets to make sure that there are no errors. Encrypted
packets use a key-based error detection method. Any packets with errors
are discarded and not output on the UART. This feature can be disabled
if it is desired to perform error checking outside the module. Set the
ENCRC register to 0x01 to enable CRC checking, or 0x00 to disable it. The
default CRC mode setting is enabled. Figure 41 shows examples of the
commands and Figure 42 shows the available values.
Although disabling CRC checking allows receiving packets with errors
in the payload, errors in the header can still prevent packets from being
output by the module.
BCTRIG - UART Byte Count Trigger
Volatile Address = 0x54; Non-Volatile Address = 0x09
This register selects options for transferring packet data in the HumPROTM
Series. These options are controlled automatically by the HumPRCTM
application and do not have any effect on its operation.
HumPRCTM Series CRC Enable Register Settings
V
Mode
0x00
CRC Disabled
0x01
CRC Enabled
Figure 41: HumPRCTM Series CRC Enable Command and Response
Figure 42: HumPRCTM Series CRC Enable Register Settings
HumPRCTM Series CRC Enable
Read Command
Read Response
Header
Size
Escape
Address
ACK
Address
Value
0xFF
0x02
0xFE
0x53
0x08
0x06
0x53
0x08
V
Write Command
Header
Size
Address
Value
0xFF
0x02
0x53
0x08
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com