Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 12 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 12 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 8Page - Linx Technologies MDEV-868-PRC Datasheet HTML 9Page - Linx Technologies MDEV-868-PRC Datasheet HTML 10Page - Linx Technologies MDEV-868-PRC Datasheet HTML 11Page - Linx Technologies MDEV-868-PRC Datasheet HTML 12Page - Linx Technologies MDEV-868-PRC Datasheet HTML 13Page - Linx Technologies MDEV-868-PRC Datasheet HTML 14Page - Linx Technologies MDEV-868-PRC Datasheet HTML 15Page - Linx Technologies MDEV-868-PRC Datasheet HTML 16Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
–
–
–
–
18
19
System Operation
Transmitters and receivers are paired using the built-in Join Process (see
the Join Process for details). One device is configured as an Administrator
and creates the network address and encryption key. When Nodes join,
the Administrator sends them the encryption key, network address and
their unique address within the network. The addressing method used by
the HumPRCTM Series modules can support up to hundreds of nodes,
depending on the use model (duration of activations and how often they
are sent).
It is up to the designer to determine which device makes the most sense
as the Administrator in the final system, but there are some common
configurations. In a system with one transmitter and one receiver, it does
not matter which is the Administrator. In a system where one transmitter
is going to activate several receivers, the transmitter is normally the
Administrator (Figure 20 a). In a system with one receiver and multiple
transmitters, the receiver should be the Administrator (Figure 20 b).
A system with multiple transmitters and receivers can use any of the
devices as an Administrator (Figure 21 a) or may use a separate device
that is only used to join new devices to the network (Figure 21 b). Once all
system nodes have received the key and their address, the Administrator
node operates the same as any other node.
By default, the Administrator and all Nodes broadcast to the entire network.
All transmitters can activate all receivers in the network. An external
microcontroller can be used to change the UDESTID0 register to activate
a specific Node in the network. This is a more advanced operation and
requires the microcontroller and custom firmware.
Administrator
Administrator
Figure 20: HumPRCTM Series Transceiver Transmitter to Receiver Ratios
a
b
Administrator
Figure 21: HumPRCTM Series Transceiver Multiple TX and RX
a
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com