Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 16 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 16 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 12Page - Linx Technologies MDEV-868-PRC Datasheet HTML 13Page - Linx Technologies MDEV-868-PRC Datasheet HTML 14Page - Linx Technologies MDEV-868-PRC Datasheet HTML 15Page - Linx Technologies MDEV-868-PRC Datasheet HTML 16Page - Linx Technologies MDEV-868-PRC Datasheet HTML 17Page - Linx Technologies MDEV-868-PRC Datasheet HTML 18Page - Linx Technologies MDEV-868-PRC Datasheet HTML 19Page - Linx Technologies MDEV-868-PRC Datasheet HTML 20Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
–
–
–
–
26
27
A module becomes a node by joining with an administrator. This is done
by pressing and releasing the PB button on both units. The modules
automatically search for each other using a special protocol. When they
find each other, the administrator sends the node the encryption key,
UMASK and its network address. The UDESTID is set to the address of the
administrator. The values are encrypted using a special factory-defined key.
Once the Join Process is complete, the MODE_IND blinks on both units
and they now operate together. This is shown in Figure 22 A.
If UMASK is pre-set when Generate Key is initiated, then the Join Process
uses that mask and sets the address accordingly. This can allow more
nodes in the network. This is shown in Figure 22 B. Likewise, the network
key can be written to the module with the CDI interface. If the PGKEY
bit in the SECOPT register is also set to 0, the Generate Key process
will generate a network address without changing the preset key. Or the
administrator can be completely configured through the CDI and the
Join Process used to associate nodes in the field. This gives the system
designer many options for configuration.
The SECOPT register is used to configure options related to the Join
Process. This allows the OEM to set desired values at the factory and allow
final network configuration in the field. This includes disabling the ability to
change the address, change the key, share the key or perform a factory
reset through the PB line. The built-in security prohibits changing a node to
an administrator without changing the key.
Please see Reference Guide RG-00107, The HumPROTM Series Join
Process for more details and examples of the Join Process.
D
UMASK = FF FF FF FF
USRCID = FF FF FF FF
UDESTID = FF FF FF FF
No Key
A
UMASK = 00 00 00 FF
USRCID = 76 54 32 00
UDESTID = 76 54 32 FF
Network Key
Generate Key
D
UMASK = FF FF FF FF
USRCID = FF FF FF FF
UDESTID = FF FF FF FF
No Key
N
UMASK = 00 00 00 FF
USRCID = 76 54 32 0
1
UDESTID = 76 54 32 FF
Network Key
JOIN
A
UMASK = 00 00 00 FF
USRCID = 76 54 32 00
UDESTID = 76 54 32 FF
Network Key
P
UMASK = 00 00 0F FF
USRCID = FF FF FF FF
UDESTID = FF FF FF FF
No Key
A
UMASK = 00 00 0F FF
USRCID = 76 54 30 00
UDESTID = 76 54 3F FF
Network Key
Generate Key
D
UMASK = FF FF FF FF
USRCID = FF FF FF FF
UDESTID = FF FF FF FF
No Key
N
UMASK = 00 00 0F FF
USRCID = 76 54 30 0
1
UDESTID = 76 54 3F FF
Network Key
JOIN
A
UMASK = 00 00 0F FF
USRCID = 76 54 30 00
UDESTID = 76 54 3F FF
Network Key
Key Generation and Network Join from Factory Default
Key Generation and Network Join from Preset Mask
A)
B)
Figure 22: HumPRCTM Series and HumPRCTM Series Join Process Examples
D = Factory Default
A = Network Administrator
N = Network Node
P = OEM Preset Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com