Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 24 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 24 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 20Page - Linx Technologies MDEV-868-PRC Datasheet HTML 21Page - Linx Technologies MDEV-868-PRC Datasheet HTML 22Page - Linx Technologies MDEV-868-PRC Datasheet HTML 23Page - Linx Technologies MDEV-868-PRC Datasheet HTML 24Page - Linx Technologies MDEV-868-PRC Datasheet HTML 25Page - Linx Technologies MDEV-868-PRC Datasheet HTML 26Page - Linx Technologies MDEV-868-PRC Datasheet HTML 27Page - Linx Technologies MDEV-868-PRC Datasheet HTML 28Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
–
–
–
–
42
43
RCCTL
0x22
0x6D
R/W
0x01
RC control
CMDHOLD
0x23
0x6E
R/W
0x01
Hold RF data when nCMD pin is low
RCDIR
0x24
0x6F
R/W
0xFF
RC status line direction select
COMPAT
0x25
0x70
R/W
0x02
Compatibility
AUTOADDR
0x26
0x71
R/W
0x07
Automatic Reply Address
MYDSN3
0x34
R
Factory programmed Serial Number
MYDSN2
0x35
R
Factory programmed Serial Number
MYDSN1
0x36
R
Factory programmed Serial Number
MYDSN0
0x37
R
Factory programmed Serial Number
CUSTID1
0x39
R
0xFF
Reserved
CUSTID0
0x3A
R
0xFF
Reserved
CSRSSI
0x3F
R/W
0xA4
Carrier Sense minimum RSSI for CE
RELEASE
0x78
R
Release number
RCSLS
0x7A
R
0x00
RC status line state
PRSSI
0x7B
R
0x00
Packet RSSI
ARSSI
0x7C
R
0x00
Ambient RSSI
FWVER3
0xC0
R
Firmware version, major
FWVER2
0xC1
R
Firmware version, minor
FWVER1
0xC2
R
Firmware version, increment
FWVER0
0xC3
R
Firmware version, suffix
NVCYCLE1
0xC4
R
NV Refresh Cycles, MS
NVCYCLE0
0xC5
R
NV Refresh Cycles, LS
LSTATUS
0xC6
R
Output line status
CMD
0xC7
W
0x00
Command register
SECSTAT
0xC9
R
Security Status
JOINST
0xCA
R
0x00
Join Status
EEXFLAG2
0xCD
R/W
0x00
Extended exception flags
EEXFLAG1
0xCE
R/W
0x00
Extended exception flags
EEXFLAG0
0xCF
R/W
0x00
Extended exception flags
EEXMASK2
0x80
0xD0
R/W
0x00
Extended exception mask
EEXMASK1
0x81
0xD1
R/W
0x00
Extended exception mask
EEXMASK0
0x82
0xD2
R/W
0x00
Extended exception mask
PKTOPT
0x83
0xD3
R/W
0x01
Packet options
SECOPT
0x84
0xD4
R/W
0xFF
Security Options
LASTNETAD[3] 0x8C
R/W
0x00
Last Network Address Assigned
LASTNETAD[2] 0x8D
R/W
0x00
Last Network Address Assigned
LASTNETAD[1] 0x8E
R/W
0x00
Last Network Address Assigned
LASTNETAD[0] 0x8F
R/W
0x00
Last Network Address Assigned
The Command Data Interface Command Set
The following sections describe the registers.
HumPRCTM Series Configuration Registers
Name
NV
Addr
Vol
Addr
R/W
Default
Value
Description
CRCERRS
0x40
R/W
0x00
CRC Error Count
HOPTABLE
0x00
0x4B
R/W
0xFF
Channel Hop Table
TXPWR
0x02
0x4D
R/W
0x03
Transmit Power
UARTBAUD
0x03
0x4E
R/W
0x01
UART data rate
ADDMODE
0x04
0x4F
R/W
0x0F
Addressing mode
DATATO
0x05
0x50
R/W
0x10
Data timeout
MAXTXRETRY
0x07
0x52
R/W
0x02
Maximum Transmit Retries
ENCRC
0x08
0x53
R/W
0x01
Enable CRC checking
BCTRIG
0x09
0x54
R/W
0x40
Byte Count trigger
ENCSMA
0x0B
0x56
R/W
0x02
Enable Polite Spectrum Access
IDLE
0x0D
0x58
R/W
0x01
Idle Mode
WAKEACK
0x0E
0x59
R/W
0x01
UART Acknowledge on Wake
UDESTID3
0x0F
0x5A
R/W
0xFF
Destination Address for User Packet
Type, extended
UDESTID2
0x10
0x5B
R/W
0xFF
Destination Address for User Packet
Type, extended
UDESTID1
0x11
0x5C
R/W
0xFF
Destination Address for User Packet
Type
UDESTID0
0x12
0x5D
R/W
0xFF
Destination Address for User Packet
Type
USRCID3
0x13
0x5E
R/W
0xFF
Source Address for User Packet Type,
extended
USRCID2
0x14
0x5F
R/W
0xFF
Source Address for User Packet Type,
extended
USRCID1
0x15
0x60
R/W
0xFF
Source Address for User Packet Type
USRCID0
0x16
0x61
R/W
0xFF
Source Address for User Packet Type
UMASK3
0x17
0x62
R/W
0xFF
Address Mask for User Packet Type,
extended
UMASK2
0x18
0x63
R/W
0xFF
Address Mask for User Packet Type,
extended
UMASK1
0x19
0x64
R/W
0xFF
Address Mask for User Packet Type
UMASK0
0x1A
0x65
R/W
0xFF
Address Mask for User Packet Type
DESTDSN3
0x1D
0x68
R/W
0xFF
Destination Device Serial Number
DESTDSN2
0x1E
0x69
R/W
0xFF
Destination Device Serial Number
DESTDSN1
0x1F
0x6A
R/W
0xFF
Destination Device Serial Number
DESTDSN0
0x20
0x6B
R/W
0xFF
Destination Device Serial Number
Figure 30: HumPRCTM Series Configuration Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com