Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 11 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 11 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 7Page - Linx Technologies MDEV-868-PRC Datasheet HTML 8Page - Linx Technologies MDEV-868-PRC Datasheet HTML 9Page - Linx Technologies MDEV-868-PRC Datasheet HTML 10Page - Linx Technologies MDEV-868-PRC Datasheet HTML 11Page - Linx Technologies MDEV-868-PRC Datasheet HTML 12Page - Linx Technologies MDEV-868-PRC Datasheet HTML 13Page - Linx Technologies MDEV-868-PRC Datasheet HTML 14Page - Linx Technologies MDEV-868-PRC Datasheet HTML 15Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
–
–
–
–
16
17
Transceiver Operation
The transceiver has two roles: Initiating Unit (IU) that transmits control
messages and Responding Unit (RU) that receives control messages. If all
of the status lines are set as inputs, then the module is set as an IU only.
The module stays in a low power sleep mode until a status line goes high,
starting the Transmit Operation.
If all of the status lines are set as outputs, then the module is set as an RU
only. It stays in Receive Operation looking for a valid transmission from a
paired IU.
A module with both input and output status lines can operate as an IU
and an RU. The module idles in Receive Operation until either a valid
transmission is received or a status line input goes high, initiating the
Transmit operation.
When an input goes high, the transceiver captures the logic state of each
of the status lines. The line states are placed into a packet and transmitted
using the configured addressing mode, hop sequence and encryption key
(if enabled).
An associated RU receives the packet and sets its status line outputs
according to the received packet. It then stays synchronized with the IU
and updates the states of its outputs with every packet. Its outputs can be
connected to external circuitry that activates when the lines go high.
The RU can also send an acknowledgement back to the IU. If the ACK_EN
line is high when a valid control packet is received, the RU sends back an
acknowledgement. When the IU receives the acknowledgement, it raises its
ACK_OUT line. The ACK_EN line can be connected to ground to disable
acknowledgements, connected to the power supply to acknowledge
on receipt of the valid command or controlled by external circuitry to
acknowledge when an action has taken place.
The ACK_EN can be connected to an LED as an indication to the user or
used by the system in other ways, such as updating a display or being
used to deactivate an automated system.
Transmit Operation
When a status line input goes high, the module enters the Initiating Unit
role. In this role, the module captures the logic states of the status line
inputs and automatically creates a REMOTE_ACTIVATE packet. The packet
is transmitted every 140ms nominally (240ms max) for as long as a status
line input is held high. After each transmission, the module listens for a
REMOTE_CONFIRM reply from the RU. This continues for as long as any
status line input is high.
The REMOTE_CONFIRM packet contains two values. One indicates how
long the ACK_OUT line should go high on the IU (20ms by default) and the
other indicates if the IU should stay awake after the status line inputs go
low (go to sleep by default). The module activates the ACK_OUT line for as
long as instructed and loops back to check the status line inputs and send
another REMOTE_ACTIVATE packet.
When all status line inputs go low, the module transmits two REMOTE_
ACTIVATE packets indicating that all lines are low. If all status lines are
inputs, it then goes to sleep after 760ms unless a REMOTE_CONFIRM
packet is received instructing the IU to stay awake longer.
Receive Operation
When the module is awake and not in transmit operation, it is in receive
operation listening for valid packets. When a REMOTE_ACTIVATE packet
is received, the module enters the Responding Unit role and processes the
received status line states. It remains in the RU mode until 760ms elapses
without an incoming REMOTE_ACTIVATE message.
Unlatched status line outputs are set to match the corresponding bit state
in the received packet.
For latched outputs, the line changes state (off ª on or on ª off) whenever
the corresponding bit changes from 0 to 1. All other combinations of
the new and old status bit do not change the status line. This normally
changes the output state every time that the associated transmitter input
changes from 0 to 1.
If the ACK_EN line is high when a valid message is received, a REMOTE_
CONFIRM message is transmitted to the IU with values to set the ACK_
OUT high for 20ms and go to sleep after the default 760ms. These values
cannot be changed in the HumPRCTM Series, but a packet with different
values can be generated using the HumPROTM Series and a microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com