Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 31 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 31 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 27Page - Linx Technologies MDEV-868-PRC Datasheet HTML 28Page - Linx Technologies MDEV-868-PRC Datasheet HTML 29Page - Linx Technologies MDEV-868-PRC Datasheet HTML 30Page - Linx Technologies MDEV-868-PRC Datasheet HTML 31Page - Linx Technologies MDEV-868-PRC Datasheet HTML 32Page - Linx Technologies MDEV-868-PRC Datasheet HTML 33Page - Linx Technologies MDEV-868-PRC Datasheet HTML 34Page - Linx Technologies MDEV-868-PRC Datasheet HTML 35Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
–
–
–
–
56
57
USRCID - User Source Address
Volatile Address = 0x5E-0x61; Non-Volatile Address = 0x13-0x16
These registers contain the address of the module when User Addressing
mode or Extended User Addressing mode are enabled. User Addressing
mode uses bytes 0 and 1 to determine the source address for both
transmitted messages and matching received messages. Extended User
Addressing mode uses all four bytes. When the COMPAT register is 0x02
in User Address mode, bytes 3 and 2 must be 0. Each register byte is read
and written separately. Figure 50 shows the User Source ID registers.
HumPRCTM Series User Source Address Registers
Name
Volatile
Address
Non-Volatile
Address
Description
USRCID3
0x5E
0x13
MSB of the extended source address
USRCID2
0x5F
0x14
Byte 2 of the extended source address
USRCID1
0x60
0x15
Byte 1 of the extended source address
MSB of the short source address
USRCID0
0x61
0x16
LSB of the extended source address and short
source address
Figure 50: HumPRCTM Series User Source Address Registers
UMASK - User ID Mask
Volatile Address = 0x62-0x65; Non-Volatile Address = 0x17-0x1A
These registers contain the user ID mask when User Addressing mode or
Extended User Addressing mode are enabled. Each register byte is read
and written separately.
Figure 51 shows the User ID Mask registers.
Figure 51: HumPRCTM Series User ID Mask Registers
HumPRCTM Series User ID Mask Registers
Name
Volatile
Address
Non-Volatile
Address
Description
UMASK3
0x62
0x17
MSB of the extended mask
UMASK2
0x63
0x18
Byte 2 of the extended mask
UMASK1
0x64
0x19
Byte 1 of the extended mask
MSB of the short mask
UMASK0
0x65
0x1A
LSB of the extended mask and short mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com