Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 3 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 3 Page - Linx Technologies

  MDEV-868-PRC Datasheet HTML 1Page - Linx Technologies MDEV-868-PRC Datasheet HTML 2Page - Linx Technologies MDEV-868-PRC Datasheet HTML 3Page - Linx Technologies MDEV-868-PRC Datasheet HTML 4Page - Linx Technologies MDEV-868-PRC Datasheet HTML 5Page - Linx Technologies MDEV-868-PRC Datasheet HTML 6Page - Linx Technologies MDEV-868-PRC Datasheet HTML 7Page - Linx Technologies MDEV-868-PRC Datasheet HTML 8Page - Linx Technologies MDEV-868-PRC Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
–
–
1
Description
The HumPRCTM Series is the most complete
system to integrate bi-directional remote
control into many different applications. No
programming is required, and both module
and finished hardware options are available,
making it the easiest solution to implement.
The module provides long-range transmission
at 868MHz utilizing Listen Before Talk and
Adaptive Frequency Agility and industry-standard encryption for secure
and robust communications. The HumPRCTM Series interoperates with
the HumPROTM family, making it the only remote control solution that
simultaneously supports data applications for seamless integration with
sensor and control IoT applications.
Eight status lines can be set up in any combination of inputs and outputs
for the transfer of button or contact states. A selectable acknowledgement
indicates that the transmission was successfully received.
Primary settings are hardware-selectable, which eliminates the need for an
external microcontroller or other digital interface. For advanced features,
optional software configuration is provided by a UART interface.
Housed in a compact reflow-compatible SMD package, the transceiver
requires no external RF components except an antenna, which greatly
simplifies integration and lowers assembly costs.
Features
• Add bi-directional remote control
capabilities to any product
• Pre-compiled software
• No programming required
• 128-bit AES encryption
• 8 status lines
• Polite Spectrum Access (PSA)
• Selectable acknowledgements
• CE compliant/ RED compliant
• Fully interoperable with all
HumPROTM Series devices &
gateways
HumPRCTM Series 868MHz
RF Transceiver Module
Data Guide
Figure 1: Packages
Revised 11/30/2017
33
Using the PB Line
34
Using the Low Power Features
36
The Command Data Interface
37
Reading from Registers
38
Writing to Registers
39
Command Length Optimization
40
Example Code for Encoding Read/Write Commands
42
The Command Data Interface Command Set
80
Typical Applications
84
HumPRCTM Series Long-Range Handheld Transmitter
86
Power Supply Requirements
86
Antenna Considerations
87
Interference Considerations
88
Pad Layout
89
Microstrip Details
90
Board Layout Guidelines
91
Helpful Application Notes from Linx
92
Production Guidelines
92
Hand Assembly
92
Automated Assembly
94
General Antenna Rules
96
Common Antenna Styles
98
Regulatory Considerations
101
OEM Labeling Requirements
102
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com