Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 38 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 38 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 34Page - Linx Technologies MDEV-868-PRC Datasheet HTML 35Page - Linx Technologies MDEV-868-PRC Datasheet HTML 36Page - Linx Technologies MDEV-868-PRC Datasheet HTML 37Page - Linx Technologies MDEV-868-PRC Datasheet HTML 38Page - Linx Technologies MDEV-868-PRC Datasheet HTML 39Page - Linx Technologies MDEV-868-PRC Datasheet HTML 40Page - Linx Technologies MDEV-868-PRC Datasheet HTML 41Page - Linx Technologies MDEV-868-PRC Datasheet HTML 42Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
–
–
–
–
70
71
CMD - Command Register
Volatile Address = 0xC7
This volatile write-only register is used to issue special commands.
Value V is chosen from among the options in Figure 70.
The Join Process Control command allows the software to initiate or stop
the secure Join Process. It has the following subcommands.
These operations are equivalent to the push-button initiated operation.
If the Join Process is started by the serial command (CMD:JOINCTL[2]),
push-button operation is ignored until the Join Process finishes.
Register write operations are inhibited when the Join Process is active
except that a Halt Join command is never inhibited. A Halt Join operation
completes before the ACK is sent.
Figure 69: HumPRCTM Series Transceiver Command Register Command and Response
HumPRCTM Series Command Register
Write Command
Header
Size
Escape
Address
Value
0xFF
Size
0xFE
0x47
V
Figure 70: HumPRCTM Series Command Register Values
When the Join Process is started the KEYRCV flag in the SECOPT register
determines whether the module is an administrator or node and whether
a key can be sent or changed. The Join Process uses and modifies
the non-volatile address registers. After a successful Join, the modified
non-volatile registers are copied to the corresponding volatile registers.
The Write Key command writes a 16-byte AES key to the selected key
register. As with most of the registers, the encryption key has both volatile
and non-volatile registers. The volatile register is used during run time, but
is lost on a power cycle or reset. When the module powers up, the volatile
register is loaded from the non-volatile register. This makes the non-volatile
register value the default on power-up.
The key value of all zero bytes is reserved as a “no key” indication.
Figure 72 shows the command for writing the AES key to the module.
If KeyN is 0x01, the command writes to the volatile key register. If it is 0x02,
it writes to the non-volatile key register.
The Clear Key command sets the selected key to all zeros. Figure 73
shows the structure of this command.
If KeyN is 0x01, the command clears the volatile key registers. If it is 0x02,
it clears the non-volatile key registers.
HumPRCTM Series CMD Values
CMD Value
Operation
0x10
JOINCTL – Join Process Control
0x11
WRKEY – Write Key
0x12
CLRKEY – Clear Key
0x13
RLDKEY – Reload Key
0x20 0xAA 0xBB
NVRESET – Reset non-volatile registers to factory default
HumPRCTM Series JOINCTL Subcommand Values
Subcommand Value
Operation
0
Halt Join Process
1
Generate a random network key and address. This sets the
module as the network administrator (SECOPT:KEYRCV=0)
2
Perform the Join Process with another module
Figure 71: HumPRCTM Series JOINCTL Subcommand Values
Figure 72: HumPRCTM Series Transceiver Write Key Command
HumPRCTM Series Write Key Command
Write Command
Header
Size
Escape
Address
Value
KeyN
Key0
...
Key15
0xFF
Size
0xFE
0x47
0x11
KeyN
Key0
...
Key15
Figure 73: HumPRCTM Series Transceiver Clear Key Command
HumPRCTM Series Clear Key Command
Write Command
Header
Size
Escape
Address
Value
KeyN
0xFF
0x04
0xFE
0x47
0x12
KeyN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com