Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 35 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 35 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 31Page - Linx Technologies MDEV-868-PRC Datasheet HTML 32Page - Linx Technologies MDEV-868-PRC Datasheet HTML 33Page - Linx Technologies MDEV-868-PRC Datasheet HTML 34Page - Linx Technologies MDEV-868-PRC Datasheet HTML 35Page - Linx Technologies MDEV-868-PRC Datasheet HTML 36Page - Linx Technologies MDEV-868-PRC Datasheet HTML 37Page - Linx Technologies MDEV-868-PRC Datasheet HTML 38Page - Linx Technologies MDEV-868-PRC Datasheet HTML 39Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
–
–
–
–
64
65
RELEASE - Release Number
Non-Volatile Address = 0x78
This register contains a number designating the firmware series and
hardware platform. Figure 60 shows examples of the commands and
Figure 61 lists current releases to date.
A more detailed firmware version is available for versions 0x20 and above in
the FWVER register.
HumPRCTM Series Release Number Register Settings
V
Release Number
0x24
HUM-868-PRC
0x25
HUM-900-PRC
HumPRCTM Series Release Number
Read Command
Read Response
Header
Size
Escape
Address
ACK
Address
Value
0xFF
0x02
0xFE
0x78
0x06
0x78
V
Figure 60: HumPRCTM Series Transceiver Release Number Command and Response
Figure 61: HumPRCTM Series Transceiver Release Number Register Settings
RCSLS - RC Status Line States
Volatile Address = 0x7A
This register contains the debounced state of the status lines. When status
line Sn is high, bit n is 1. When low, bit n is 0. The register reflects the
state of both input and output status lines.
Figure 62 shows examples of the commands.
Figure 62: HumPRCTM Series Transceiver RC Status Line States Command and Response
HumPRCTM Series RC Status Line States
Read Command
Read Response
Header
Size
Escape
Address
ACK
Address
Value
0xFF
0x02
0xFE
0x7A
0x06
0x7A
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com