Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 6 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 6 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 2Page - Linx Technologies MDEV-868-PRC Datasheet HTML 3Page - Linx Technologies MDEV-868-PRC Datasheet HTML 4Page - Linx Technologies MDEV-868-PRC Datasheet HTML 5Page - Linx Technologies MDEV-868-PRC Datasheet HTML 6Page - Linx Technologies MDEV-868-PRC Datasheet HTML 7Page - Linx Technologies MDEV-868-PRC Datasheet HTML 8Page - Linx Technologies MDEV-868-PRC Datasheet HTML 9Page - Linx Technologies MDEV-868-PRC Datasheet HTML 10Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
–
–
–
–
6
7
20
22
24
26
28
30
32
34
36
38
40
-5
059
TX Output Power (dBm)
85°C
25°C
-40°C
Figure 8: HumPRCTM Series Transceiver Average TX Current vs. Transmitter Output Power at 3.3V
36.50
37.00
37.50
38.00
38.50
39.00
39.50
40.00
2V
2.5V
3.3V
3.6V
Supply Voltage (V)
85°C
25°C
-40°C
Figure 7: HumPRCTM Series Transceiver TX Current vs. Supply Voltage at Max Power
22.00
22.20
22.40
22.60
22.80
23.00
23.20
23.40
2V
2.5V
3.3V
3.6V
Supply Voltage (V)
85°C
25°C
-40°C
Figure 9: HumPRCTM Series Transceiver TX Current vs. Supply Voltage at 0dBm
22.5
22.7
22.9
23.1
23.3
23.5
23.7
23.9
24.1
24.3
24.5
2
2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9
3
3.1 3.2 3.3 3.4 3.5 3.6
Supply Voltage (V)
85°C
25°C
-40°C
Figure 10: HumPRCTM Series Transceiver RX Scan Current vs. Supply Voltage, 38.8kbps
Current consumption while the module is scanning for a transmission. The current is
approximately 0.5mA higher when receiving data at 38.8kbps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com