Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 30 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 30 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 26Page - Linx Technologies MDEV-868-PRC Datasheet HTML 27Page - Linx Technologies MDEV-868-PRC Datasheet HTML 28Page - Linx Technologies MDEV-868-PRC Datasheet HTML 29Page - Linx Technologies MDEV-868-PRC Datasheet HTML 30Page - Linx Technologies MDEV-868-PRC Datasheet HTML 31Page - Linx Technologies MDEV-868-PRC Datasheet HTML 32Page - Linx Technologies MDEV-868-PRC Datasheet HTML 33Page - Linx Technologies MDEV-868-PRC Datasheet HTML 34Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
–
–
–
–
54
55
WAKEACK - ACK on Wake
Volatile Address = 0x59; Non-Volatile Address = 0x0E
When UART Acknowledge on Wake is enabled, the module sends an ACK
(0x06) character out of the CMD_DATA_OUT line after the module resets or
wakes from sleep. This indicates that the module is ready to accept data
and commands. A value of 0x01 enables this feature; 0x00 disables it. The
default value is 0x01. Figure 47 shows examples of the commands and
Figure 48 shows the available values.
Figure 47: HumPRCTM Series ACK on Wake Command and Response
HumPRCTM Series ACK on Wake Register Settings
V
Mode
0x00
Disable ACK
0x01
Enable ACK
Figure 48: HumPRCTM Series ACK on Wake Register Settings
HumPRCTM Series ACK on Wake
Read Command
Read Response
Header
Size
Escape
Address
ACK
Address
Value
0xFF
0x02
0xFE
0x59
0x0E
0x06
0x59
0x0E
V
Write Command
Header
Size
Address
Value
0xFF
0x02
0x59
0x0E
V
UDESTID - User Destination Address
Volatile Address = 0x5A-0x5D; Non-Volatile Address = 0x0F-0x12
These registers contain the address of the destination module when User
Addressing mode or Extended User Addressing mode are enabled. User
Addressing mode uses bytes 0 and 1 to determine the destination address.
Extended User Addressing mode uses all four bytes. These registers are
automatically filled with the source address from a received message if
the received message address type matches the value in AUTOADDR.
Each register byte is read and written separately. Figure 49 shows the User
Destination ID registers.
HumPRCTM Series User Destination Address Registers
Name
Volatile
Address
Non-Volatile
Address
Description
UDESTID3
0x5A
0x0F
MSB of the extended destination address
UDESTID2
0x5B
0x10
Byte 2 of the extended destination address
UDESTID1
0x5C
0x11
Byte 1 of the extended destination address,
MSB of the short destination address
UDESTID0
0x5D
0x12
LSB of the extended destination address and
short destination address
Figure 49: HumPRCTM Series User Destination Address Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com