Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 43 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 43 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 39Page - Linx Technologies MDEV-868-PRC Datasheet HTML 40Page - Linx Technologies MDEV-868-PRC Datasheet HTML 41Page - Linx Technologies MDEV-868-PRC Datasheet HTML 42Page - Linx Technologies MDEV-868-PRC Datasheet HTML 43Page - Linx Technologies MDEV-868-PRC Datasheet HTML 44Page - Linx Technologies MDEV-868-PRC Datasheet HTML 45Page - Linx Technologies MDEV-868-PRC Datasheet HTML 46Page - Linx Technologies MDEV-868-PRC Datasheet HTML 47Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
–
–
–
–
80
81
Typical Applications
The following steps describe how to use the HumPRCTM Series module
with hardware only.
1. Set the C0 and C1 lines opposite on both sides.
2. Press and hold the PB button for 30s on the unit chosen as
Administrator. When MODE_IND flashes, release PB. The unit is set
as the Administrator.
3. Press the PB button on both sides. The MODE_IND LED begins
flashing slowly to indicate that the module is searching for another
module.
4. Once the pairing is complete, the MODE_IND LED flashes quickly to
indicate that the pairing was successful.
5. The modules are now paired and ready for normal use.
6. Pressing a status line button on one module (the IU) activates the
corresponding status line output on the second module (the RU).
7. Taking the ACK_EN line high on the RU causes the module to send an
acknowledgement to the IU. The ACK_OUT line on the IU goes high to
indicate that the acknowledgement has been received. Tying the line
to V
cc causes the module to send an acknowledgement as soon as a
command message is received.
This is suitable for basic remote control or command systems. No
programming is necessary for basic hardware operation.
Basic application circuits for one-way remote control are shown in Figure
84. Circuits for bi-directional remote control are shown in Figure 85.
S4
S5
S6
S7
GND
VCC
GND
GND
GND
GND
GND
GND
GND
GND
GND
VCC
VCC
VCC
VCC
VCC
GND
VCC VCC
GND
GND
VCC
GND
17
GND
18
S6
2
S7
1
MODE_IND
30
ACK_OUT
31
GND
32
S5
3
S4
4
ANT
19
GND
20
GND
16
GND
15
GND
14
GND
VCC
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
VCC
GND
VCC
GND
VCC
VCC
GND
17
GND
18
S6
2
S7
1
MODE_IND
30
ACK_OUT
31
GND
32
S5
3
S4
4
ANT
19
GND
20
GND
16
GND
15
GND
14
VCC
VCC
VCC
VCC
VCC
VCC
Figure 84: HumPRCTM Series Transceiver Basic Application Circuits for Remote Control
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com