Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 40 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 40 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 36Page - Linx Technologies MDEV-868-PRC Datasheet HTML 37Page - Linx Technologies MDEV-868-PRC Datasheet HTML 38Page - Linx Technologies MDEV-868-PRC Datasheet HTML 39Page - Linx Technologies MDEV-868-PRC Datasheet HTML 40Page - Linx Technologies MDEV-868-PRC Datasheet HTML 41Page - Linx Technologies MDEV-868-PRC Datasheet HTML 42Page - Linx Technologies MDEV-868-PRC Datasheet HTML 43Page - Linx Technologies MDEV-868-PRC Datasheet HTML 44Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
–
–
–
–
74
75
EEXFLAG - Extended Exception Flags
Volatile Address = 0xCD - 0xCF
These volatile registers contain flags for various events. Similar to the
EXCEPT register, they provide a separate bit for each exception.
When an exception occurs, the associated bit is set in this register. If the
corresponding bit in the EEXMASK is set and EXMASK is zero, the EX
status line is set. Reading an EEXFLAG register does not clear the register.
Writing to an EEXFLAG register causes the register to be set to the
BIT_AND(current_value, new_value). This provides a way of clearing bits
that have been serviced without clearing a bit that has been set since the
flag register was read. This prevents a loss of notification of an exception.
Register bits can only be cleared, not set, from the write command though
some flags are also cleared internally. Unless otherwise noted, exceptions
are cleared by writing a zero to the corresponding register bit.
Flag EX_TXDONE is set when a data packet has been transmitted. If the
packet was sent with acknowledgement enabled, this flag indicates that
the acknowledgment has also been received.
Flag EX_RXWAIT is 1 when there are buffered incoming data bytes which
have not been sent to the UART. It is cleared by reading or discarding all
data bytes.
Flag EX_UNENCRYPT is 1 when a received packet is not encrypted. This
can only occur when SECOPT:EN_UNC=1.
Flag EX_SEQDEC is 1 when a received encrypted packet has a smaller
sequence number than the previously received packet. Possible causes
are an attempt to replay a previous message by an attacker, receiving a
message from a different transmitter or restarting the transmitter.
Figure 78: HumPRCTM Series Transceiver Extended Exception Code Registers
HumPRCTM Series Extended Exception Flags Registers
Name
Volatile
Address
Description
EEXFLAG2
0xCD
Byte 2 of the extended exception flags
EEXFLAG1
0xCE
Byte 1 of the extended exception flags
EEXFLAG0
0xCF
LSB of the extended exception flags
HumPRCTM Series Transceiver Extended Exception Codes
Bit
Exception Name
Description
EEXFLAG0 (0xCF)
0
EX_BUFOVFL
Internal UART buffer overflowed.
1
EX_RFOVFL
Internal RF packet buffer overflowed.
2
EX_WRITEREGFAILED Attempted write to register failed.
3
EX_NORFACK
Acknowledgement packet not received after
maximum number of retries.
4
EX_BADCRC
Bad CRC detected on incoming packet.
5
EX_BADHEADER
Bad CRC detected in packet header.
6
EX_BADSEQID
Sequence ID was incorrect in ACK packet.
7
EX_BADFRAMETYPE
Unsupported frame type specified.
EEXFLAG1 (0xCE)
0
EX_TXDONE
A data packet has been transmitted.
1
EX_RXWAIT
Received data bytes are waiting to be read.
2
EX_UNENCRYPT
Received packet was not encrypted. This can
only occur when SECOPT: EN_UNENC=1.
3
EX_SEQDEC
Received encrypted packet sequence number is
less than previous.
4
EX_SEQSKIP
Received encrypted sequence number is more
than one higher the previous sequence number.
5
EX_JOIN
The Join Process has been started, which can
result in register changes and write lockouts.
6 - 7
Reserved
EEXFLAG2 (0xCD)
0 - 7
Reserved
Figure 79: HumPRCTM Series Transceiver Extended Exception Codes
Flag EX_SEQSKIP is 1 when a received encrypted packet has a sequence
number that is more than one higher than the previously received packet.
Possible causes are an attempt to replay a previous message by an
attacker, receiving a message from a different transmitter or restarting the
transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com