Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 27 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 27 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 23Page - Linx Technologies MDEV-868-PRC Datasheet HTML 24Page - Linx Technologies MDEV-868-PRC Datasheet HTML 25Page - Linx Technologies MDEV-868-PRC Datasheet HTML 26Page - Linx Technologies MDEV-868-PRC Datasheet HTML 27Page - Linx Technologies MDEV-868-PRC Datasheet HTML 28Page - Linx Technologies MDEV-868-PRC Datasheet HTML 29Page - Linx Technologies MDEV-868-PRC Datasheet HTML 30Page - Linx Technologies MDEV-868-PRC Datasheet HTML 31Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
–
–
–
–
48
49
TXPWR - Transmitter Output Power
Volatile Address = 0x4D; Non-Volatile Address = 0x02
The value in the TXPWR register sets the module’s output power. Figure 35
shows the command and response and Figure 36 available power settings
and typical power outputs for the module. The default setting is 0x03.
HumPRCTM Series Transmitter Output Power Mode Register Settings
PWR
Typical Output Power (dBm)
0x00
-5
0x01
0
0x02
+5
0x03
+9*
* The maximum output power is limited on the upper channels to comply with ETSI regulations.
Figure 35: HumPRCTM Series Transmitter Output Power Mode Command and Response
Figure 36: HumPRCTM Series Transmitter Output Power Mode Settings
HumPRCTM Series Transmitter Output Power Mode
Read Command
Read Response
Header
Size
Escape
Address
ACK
Address
Value
0xFF
0x02
0xFE
0x4D
0x02
0x06
0x4D
0x02
PWR
Write Command
Header
Size
Address
Value
0xFF
0x02
0x4D
0x02
PWR
UARTBAUD - UART Baud Rate
Volatile Address = 0x4E; Non-Volatile Address = 0x03
The value in UARTBAUD sets the data rate of the UART interface.
Changing the non-volatile register changes the data rate on the following
power-up or reset. Changing the volatile register changes the data rate
immediately following the command acknowledgement. Figure 37 shows
the command and response and Figure 38 shows the valid settings.
If the module’s UART baud rate is different than the host processor UART
baud rate then the module will not communicate correctly. If mismatched,
every rate can be tested until the correct one is found or the module can be
reset to factory defaults. The default baud rate is 9,600bps (0x01).
Figure 37: HumPRCTM Series UART Baud Rate Command and Response
Figure 38: HumPRCTM Series UART Baud Rate Settings
HumPRCTM Series UART Baud Rate Register Settings
V
Baud Rate (bps)
RF Data Rate (bps)
0x01
9,600
38,384
0x02
19,200
38,384
0x03
38,400
38,384
0x04
57,600
38,384
0x05
115,200
38,384
0x06
10,400*
38,384
0x07
31,250*
38,384
* These data rates are not supported by PC serial ports. Selection of these rates may
cause the module to fail to respond to a PC, requiring a reset to factory defaults.
HumPRCTM Series UART Baud Rate
Read Command
Read Response
Header
Size
Escape
Address
ACK
Address
Value
0xFF
0x02
0xFE
0x4E
0x03
0x06
0x4E
0x03
V
Write Command
Header
Size
Address
Value
0xFF
0x02
0x4E
0x03
V
ADDMODE - Addressing Mode
Volatile Address = 0x4F; Non-Volatile Address = 0x04
This register is controlled automatically by the HumPRCTM application and
the Join Process, so should not be changed by external commands.
DATATO - Transmit Wait Timeout
Volatile Address = 0x50; Non-Volatile Address = 0x05
This register selects options for transferring packet data in the HumPROTM
Series. These options are controlled automatically by the HumPRCTM
application and do not have any effect on its operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com