Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 42 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 42 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 38Page - Linx Technologies MDEV-868-PRC Datasheet HTML 39Page - Linx Technologies MDEV-868-PRC Datasheet HTML 40Page - Linx Technologies MDEV-868-PRC Datasheet HTML 41Page - Linx Technologies MDEV-868-PRC Datasheet HTML 42Page - Linx Technologies MDEV-868-PRC Datasheet HTML 43Page - Linx Technologies MDEV-868-PRC Datasheet HTML 44Page - Linx Technologies MDEV-868-PRC Datasheet HTML 45Page - Linx Technologies MDEV-868-PRC Datasheet HTML 46Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
–
–
–
–
78
79
SECOPT - Security Options
Volatile Address = 0xD4; Non-Volatile Address = 0x84
This register selects options for security features.
Each bit in the register sets an option as shown in Figure 83. Unlike other
registers, the non-volatile register (0x84) affects all Join operations. The
EN_UNENC bit in the volatile register affects data packet reception.
When PB_RESET is 1 the Factory Reset function is enabled from the PB
input. This allows a user to reset the module configurations back to the
factory defaults with 4 short presses and a 3 second hold of a button
connected to the PB input.
When PSHARE is 1 the Share Network Key function is enabled during the
Join Process. This allows an administrator to share the encryption key it
created. When 0, a Join Process sends the network address, but no key.
Figure 82: HumPRCTM Series Transceiver Packet Options Command and Response
HumPRCTM Series Security Options
Read Command
Read Response
Header
Size
Escape
Escape
Address
ACK
Address
Value
0xFF
0x03
0xFE
0xFE
0x54
0x04
0x06
0xD4
0x84
V
Write Command
Header
Size
Escape
Address
Value
0xFF
0x03
0xFE
0x54
0x04
V
HumPRCTM Series Transceiver Security Option Codes
Bit
Name
Description
0
PB_RESET
Permit factory reset from PB input sequence
1
PSHARE
Permit key sharing
2
PGKEY
Permit clearing key and changing key
3
CHGADDR
Permit changing an address
4
KEYRCV
1: Receive key and address during Join Process (node)
0: Send key and address during Join Process (admin)
5
EN_UNENC
Enable receiving unencrypted packets
6
Reserved
Reserved (must be 1)
7
EN_CHANGE Enable changes to security options
Figure 83: HumPRCTM Series Transceiver Security Option Codes
When PGKEY is 1 the Join Process is allowed to change or clear the
network key. The key can always be changed through serial commands.
When CHGADDR is 1 the Join Process is allowed to generate a random
network address if the module is an administrator. If the module is a node it
is allowed to accept an address assignment from the administrator.
When KEYRCV is 1 the module is set to receive a network key from an
administrator and act as a node. When it is 0, the module is set as an
administrator and sends a network key and assigns an address to the
node.
In order for this bit to change from 1 to 0, both volatile and non-volatile
copies of the network key must be cleared, preventing nodes from being
manipulated to transmit the key. This bit is cleared by the GENERATE_KEY
push-button function.
When EN_UNENC is 1 the module accepts unencrypted packets. If this bit
is 0, unencrypted received packets are ignored.
When EN_CHANGE is 1, changes are permitted to the SECOPT register,
except as noted for KEYRCV changes.
Clearing this bit prohibits the following SECOPT changes to enhance
security:
1. Changing PSHARE from 0 to 1
2. Changing EN_CHANGE from 0 to 1.
3. Changing EN_UNENC from 0 to 1.
An attempt to make a prohibited change causes a NACK command
response.
When EN_CHANGE is 0, these restrictions can only be removed by
resetting the module configuration to the factory default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com