Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 5 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 5 Page - Linx Technologies

  MDEV-868-PRC Datasheet HTML 1Page - Linx Technologies MDEV-868-PRC Datasheet HTML 2Page - Linx Technologies MDEV-868-PRC Datasheet HTML 3Page - Linx Technologies MDEV-868-PRC Datasheet HTML 4Page - Linx Technologies MDEV-868-PRC Datasheet HTML 5Page - Linx Technologies MDEV-868-PRC Datasheet HTML 6Page - Linx Technologies MDEV-868-PRC Datasheet HTML 7Page - Linx Technologies MDEV-868-PRC Datasheet HTML 8Page - Linx Technologies MDEV-868-PRC Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
–
–
–
–
4
5
HumPRCTM Series Transceiver Specifications
Parameter
Symbol
Min.
Typ.
Max.
Units Notes
Timing
Module Turn-On Time
Via V
CC
71
190
ms
4
Via POWER_DOWN
35
ms
4
Via Standby
4.12
ms
4
Serial Command Response
Volatile R/W
0.4
5
ms
8
NV Update
2.4
50
ms
8
Factory Reset
199
484
ms
14
Channel Dwell Time
400
ms
Interface Section
UART Data rate
9,600
115,200
bps
Input
Logic Low
V
IL
0.3*V
CC
VDC
Logic High
V
IH
0.7*V
CC
VDC
Output
Logic Low, MODE_IND,
ACK_OUT
V
OLM
0.3*V
CC
VDC
1,9
Logic High, MODE_IND,
ACK_OUT
V
OHM
0.7*V
CC
VDC
1,9
Logic Low
V
OL
0.3*V
CC
1,10
Logic High
V
OH
0.7*V
CC
1,10
Flash (Non-Volatile) Memory Specifications
Flash Refresh Cycles
2,000
cycles
12
1.
Measured at 3.3V V
CC
2.
Measured at 25ºC
3.
Input power < -60dBm
4.
Characterized but not tested
5.
PER = 1%
6.
Into a 50-ohm load
7.
No RF interference
8.
From end of command to start of
response
9.
60mA source/sink
10. 6mA source/sink
11. End of CMD_DATA_OUT stop bit to
change in CRESP
12. Number of non-volatile memory refresh
cycles. The number of write operations
per refresh cycle varies from 8 to 150.
13. With CSMA disabled
14. Start of factory reset command to end
of last ACK response
15. The maximum output power is limited
on the higher channels in order to
comply with ETSI regulations.
Figure 4: Electrical Specifications
Typical Performance Graphs
Figure 5: HumPRCTM Series Transceiver Max Output Power vs. Supply Voltage
8.5
9.0
9.5
10.0
10.5
11.0
2.0
2.5
3.3
3.6
Supply Voltage (V)
85°C
25°C
-40°C
15
20
25
30
35
40
-5
059
TX Output Power (dBm)
85°C
25°C
-40°C
Figure 6: HumPRCTM Series Transceiver Average Current vs. Transmitter Output Power at 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com