Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 53 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 53 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 47Page - Linx Technologies MDEV-868-PRC Datasheet HTML 48Page - Linx Technologies MDEV-868-PRC Datasheet HTML 49Page - Linx Technologies MDEV-868-PRC Datasheet HTML 50Page - Linx Technologies MDEV-868-PRC Datasheet HTML 51Page - Linx Technologies MDEV-868-PRC Datasheet HTML 52Page - Linx Technologies MDEV-868-PRC Datasheet HTML 53Page - Linx Technologies MDEV-868-PRC Datasheet HTML 54Page - Linx Technologies MDEV-868-PRC Datasheet HTML 55Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 53 / 55 page
background image
–
–
–
–
100
101
Regulatory Standards Tested
• Operating Frequency - EN 300 220-1 v3.1.1 (2017-02) Section 5.1.2
• Unwanted Emissions in the Spurious Domain - EN 300 220-1 v3.1.1
(2017-02) Section 5.9.2
• Effective Radiated Power - EN 300 220-1 v3.1.1 (2017-02) Section
5.2.2
• Occupied Bandwidth - EN 300 220-1 v3.1.1 (2017-02) Section 5.6.2
• TX out of band Emissions - EN 300 220-1 v3.1.1 (2017-02) Section
5.8.2
• Transient Power - EN 300 220-1 v3.1.1 (2017-02) Section 5.10.2
• TX Behavior under Low Voltage Conditions - EN 300 220-1 v3.1.1
(2017-02) Section 5.12.2
• RX Sensitivity - EN 300 220-1 v3.1.1 (2017-02) Section 5.14.2
• Blocking - EN 300 220-1 v3.1.1 (2017-02) Section 5.14.2
• Clear Channel Assessment Method - EN 300 220-1 v3.1.1 (2017-02)
Section 5.21.2
• Polite Spectrum Access Timing Parameters - EN 300 220-1 v3.1.1
(2017-02) Section 5.21.3
• Adaptive Frequency Agility - EN 300 220-1 v3.1.1 (2017-02) Section
5.21.4
• Indirect ESD, ±2.0 kV and ±4.0 kV (HCP and VCP) - EN 301 489-3
v1.6.1
• Radiated RF EM Field Test - EN301 489-3 v1.6.1
OEM Labeling Requirements
The CE mark must be placed on the OEM product in a visible location. The
CE mark shall consist of the initials CE as shown in Figure 106.
• If the CE marking is reduced or enlarged, the proportions given in the
above graduated drawing must be adhered to.
• The CE marking must have a height of at least 5 mm except where this
is not possible on account of the nature of the product.
• The CE marking must be affixed visibly, legibly, and indelibly.
0
10
20
10
20
30
40
Figure 106: The CE Mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com