Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 36 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 36 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 32Page - Linx Technologies MDEV-868-PRC Datasheet HTML 33Page - Linx Technologies MDEV-868-PRC Datasheet HTML 34Page - Linx Technologies MDEV-868-PRC Datasheet HTML 35Page - Linx Technologies MDEV-868-PRC Datasheet HTML 36Page - Linx Technologies MDEV-868-PRC Datasheet HTML 37Page - Linx Technologies MDEV-868-PRC Datasheet HTML 38Page - Linx Technologies MDEV-868-PRC Datasheet HTML 39Page - Linx Technologies MDEV-868-PRC Datasheet HTML 40Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
–
–
–
–
66
67
PRSSI - Last Good Packet RSSI
Volatile Address = 0x7B
This register holds the received signal strength in dBm of the last
successfully received packet. A successful packet reception is one that
causes payload data to be output on the UART interface. The value in this
register is overwritten each time a new packet is successfully processed.
The register value is an 8-bit signed integer representing the RSSI in dBm.
It is accurate to ±3dB.
ARSSI - Ambient RSSI
Volatile Address = 0x7C
This register returns the ambient receive signal strength on the current
channel in dBm. The signal strength is measured as soon as the command
is received. The register value is an 8-bit signed integer representing the
RSSI in dBm. It is accurate to ±3dB at the high RF data rate, and +3 to
-20 dB at the low RF data rate. The channel being read may be any of the
channels in the selected hopping sequence.
Figure 63: HumPRCTM Series Transceiver Last Good Packet RSSI Command and Response
Figure 64: HumPRCTM Series Transceiver Ambient RSSI Command and Response
HumPRCTM Series Last Good Packet RSSI
Read Command
Read Response
Header
Size
Escape Address
ACK
Address
Value
0xFF
0x02
0xFE
0x7B
0x06
0x7B
V
HumPRCTM Series Ambient RSSI
Read Command
Read Response
Header
Size
Escape Address
ACK
Address
Value
0xFF
0x02
0xFE
0x7C
0x06
0x7C
V
FWVER - Firmware Version
Non-Volatile Address = 0xC0 - 0xC3
These read-only registers contain the firmware version number currently
on the module. Each byte is a hexadecimal value: 12 03 01 00 indicates
version 18.3.1.0. Each register byte is read separately. Figure 65 shows the
Firmware Version registers.
HumPRCTM Series Firmware Version Registers
Name
Non-Volatile
Address
Description
FWVER3
0xC0
Major version number
FWVER2
0xC1
Minor version number
FWVER1
0xC2
Incremental version number
FWVER0
0xC3
Suffix
Figure 65: HumPRCTM Series Firmware Version Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com