Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 37 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 37 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 33Page - Linx Technologies MDEV-868-PRC Datasheet HTML 34Page - Linx Technologies MDEV-868-PRC Datasheet HTML 35Page - Linx Technologies MDEV-868-PRC Datasheet HTML 36Page - Linx Technologies MDEV-868-PRC Datasheet HTML 37Page - Linx Technologies MDEV-868-PRC Datasheet HTML 38Page - Linx Technologies MDEV-868-PRC Datasheet HTML 39Page - Linx Technologies MDEV-868-PRC Datasheet HTML 40Page - Linx Technologies MDEV-868-PRC Datasheet HTML 41Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
–
–
–
–
68
69
NVCYCLE - Non-Volatile Refresh Cycles
Non-Volatile Address = 0xC4-0xC5
These read-only non-volatile registers contain the number of lifetime
refresh cycles performed for the non-volatile memory. The minimum lifetime
refreshes is 2,000 refresh cycles. Beyond this the refreshes may not be
complete and the module’s operation can become unpredictable.
Between 8 and 150 non-volatile write operations can be made before
a refresh cycle is necessary. Writing the registers from lowest to highest
address maximizes the number of write operations per refresh cycle.
It is recommended to write the desired default values to non-volatile
memory and use the volatile registers for values that change frequently.
These registers show the total number of refresh cycles that have occurred.
This gives an indication of the remaining life expectancy of the memory.
Figure 66 shows the Non-Volatile Refresh Cycles registers.
HumPRCTM Series Non-Volatile Refresh Cycles Registers
Name
Non-Volatile
Address
Description
NVCYCLE1
0xC4
MSB of the number of refresh cycles
NVCYCLE0
0xC5
LSB of the number of refresh cycles
Figure 66: HumPRCTM Series Non-Volatile Refresh Cycles Registers
LSTATUS - Output Line Status
Volatile Address = 0xC6
This register contains the logic states of the HumPROTM indicator lines.
Many of these status lines are not connected to an external line in the
HumPRCTM Series, but this register shows their logical state. Please see the
HumPROTM Series Data guide for a full description of these lines.
Each bit in the byte that is returned by the read represents the logic state
of one of the output indicator lines. Figure 68 shows which line each bit
represents.
Figure 67: HumPRCTM Series Transceiver Output Line Status Command and Response
HumPRCTM Series Output Line Status
Read Command
Read Response
Header
Size
Escape
Escape
Address
ACK
Address
Value
0xFF
0x03
0xFE
0xFE
0x46
0x06
0xC6
LSTATUS
HumPRCTM Series Output Line Status LSTATUS Values
LSTATUS Bit
Line Status
0
EX – Exception, 1 = exception has occurred
1
PA_EN – PA Enable, 1 = the transmitter is active
2
LNA_EN – LNA Enable, 1 = the receiver is active
3
CTS – Clear To Send, 1 = incoming data buffer near full
4
MODE_IND – Mode Indicator, 1 = RF data transfer is active (TX or RX)
5
BE – Buffer Empty, 1 = UART buffer is empty
6
Reserved
7
Reserved
Figure 68: HumPRCTM Series Output Line Status LSTATUS Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com