Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 34 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 34 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 30Page - Linx Technologies MDEV-868-PRC Datasheet HTML 31Page - Linx Technologies MDEV-868-PRC Datasheet HTML 32Page - Linx Technologies MDEV-868-PRC Datasheet HTML 33Page - Linx Technologies MDEV-868-PRC Datasheet HTML 34Page - Linx Technologies MDEV-868-PRC Datasheet HTML 35Page - Linx Technologies MDEV-868-PRC Datasheet HTML 36Page - Linx Technologies MDEV-868-PRC Datasheet HTML 37Page - Linx Technologies MDEV-868-PRC Datasheet HTML 38Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
–
–
–
–
62
63
MYDSN - Local Device Serial Number
Non-Volatile Address = 0x34-0x37
These registers contain the factory-programmed read-only Device Serial
Number. This address is unique for each module and is included in all
packet types as a unique origination address.
Figure 57 shows the Device Serial Number registers.
CUSTID - Customer ID
Non-Volatile Address = 0x39-0x3A
These registers are not used by the HumPRCTM application and do
not have any effect on its operation. Figure 58 shows the Customer ID
registers.
CSRSSI - Carrier Sense Minimum RSSI
Non-Volatile Address = 0x3F
This value is the minimum RSSI that causes the module to wait for a
clear channel when CSMA is enabled. Figure 59 shows examples of the
commands.
The value is a negative number in two’s complement from -128 (0x80) to
-1 (0xff). The default value is -92dBm, which is the maximum limit for ETSI
compliance.
HumPRCTM Series DSN Registers
Name
Non-Volatile
Address
Description
MYDSN3
0x34
MSB of the serial number
MYDSN2
0x35
Byte 2 of the serial number
MYDSN1
0x36
Byte 1 of the serial number
MYDSN0
0x37
LSB of the serial number
Figure 57: HumPRCTM Series DSN Registers
HumPRCTM Series Customer ID Registers
Name
Non-Volatile
Address
Description
CUSTID1
0x39
MSB of the customer ID
CUSTID0
0x3A
LSB of the customer ID
Figure 58: HumPRCTM Series Transceiver Customer ID Registers
HumPRCTM Series Carrier Sense Minimum RSSI
Read Command
Read Response
Header
Size
Escape
Address
ACK
Address
Value
0xFF
0x02
0xFE
0x3F
0x06
0x3F
V
Write Command
Header
Size
Address
Value
0xFF
0x02
0x3F
V
Figure 59: HumPRCTM Series Transceiver Carrier Sense Minimum RSSI Command and Response
Warning: The CRSSI value can have a significant impact on the
performance of the module. Setting it too low could prevent the module
from ever transmitting. Setting it too high can result in transmission
collisions. Care must be taken if this value is adjusted.
!
Note: Changing this setting from its default value of 0x02 invalidates the
HUM-868-PRO module Declaration of Conformity (DoC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com