Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 45 Page - Linx Technologies

Part # MDEV-868-PRC
Description  868MHz HumPRC??Series Remote Control Transceiver Castellation Interface, External Antenna Connection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 45 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 41Page - Linx Technologies MDEV-868-PRC Datasheet HTML 42Page - Linx Technologies MDEV-868-PRC Datasheet HTML 43Page - Linx Technologies MDEV-868-PRC Datasheet HTML 44Page - Linx Technologies MDEV-868-PRC Datasheet HTML 45Page - Linx Technologies MDEV-868-PRC Datasheet HTML 46Page - Linx Technologies MDEV-868-PRC Datasheet HTML 47Page - Linx Technologies MDEV-868-PRC Datasheet HTML 48Page - Linx Technologies MDEV-868-PRC Datasheet HTML 49Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
–
–
–
–
84
85
HumPRCTM Series Long-Range Handheld Transmitter
The HumPRCTM Series Long-Range Handheld
Transmitter is ideal for general-purpose
remote control and command applications.
It incorporates the HumPRCTM Series remote
control transceiver, antenna and a coin-cell
battery into a plastic enclosure. A membrane
switch array is used to activate the unit. An LED
embedded into the membrane switch indicates
acknowledgement from the remote device. It has
a transmission range of up to 1,300m (0.8 mile)
depending on the receiver antenna and operating
environment.
The transmitter is available in 868MHz and
900MHz for multi-region operation. The 868MHz
version has been tested to European ETSI
requirements and received its CE mark. The 900MHz version has been
certified by the United States FCC and Industry Canada. This reduces
development costs and time to market.
The membrane switch array can
be customized to have specific
artwork, logos, colors, number of
buttons (up to eight) and button
positions. A one-time NRE is
required to create the custom
switch, but minimum order
quantities can be as low as 200
pieces. Contact Linx for more information.
2
1
3
4
A
B
C
D
ON
ON
ON
ON
FASCO
Lights
Spa
ON
ON
ON
OFF
OFF
OFF
Pool
Ordering Information
Part Number
Description
OTX-***-HH-LR8-PRC
HumPRCTM Long-Range Handheld Transmitter
*** = 868, 900MHz
Figure 87: HumPRCTM Series Long-Range Handheld Transmitter Ordering Information
Key Features
S0
S7
S1
S6
S2
S5
S3
S4
15.24 mm
(0.60 in)
5.08 mm
(0.20 in)
34.93 mm
(1.38 in)
71.37 mm
(2.81 in)
41.15 mm
(1.62 in)
50.80 mm
(2.00 in)
34.29 mm
(1.35 in)
R 5.08 mm
(0.20 in)
MODE_IND
PAIR Button
Up to 8 buttons
Small Package
CR2032 Coin Cell Battery
Join Process Pairing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com