Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 14Page - Advanced Micro Devices AM486DX2 Datasheet HTML 15Page - Advanced Micro Devices AM486DX2 Datasheet HTML 16Page - Advanced Micro Devices AM486DX2 Datasheet HTML 17Page - Advanced Micro Devices AM486DX2 Datasheet HTML 18Page - Advanced Micro Devices AM486DX2 Datasheet HTML 19Page - Advanced Micro Devices AM486DX2 Datasheet HTML 20Page - Advanced Micro Devices AM486DX2 Datasheet HTML 21Page - Advanced Micro Devices AM486DX2 Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
18
Am5X86 Microprocessor
AMD
PRELIMINARY
4.3.3
Protected Mode
Protected mode provides access to the sophisticated
memory management paging and privilege capabilities
of the processor.
4.3.4
System Management Mode
SMM is a special operating mode described in detail in
Section 7.
4.4
Cache Architecture
The Am5X86 microprocessor family supports a superset
architecture of the standard 486 cache implementation.
This architectural enhancement improves not only CPU
performance, but total system performance.
4.4.1
Write-Through Cache
The standard 486DX-type write-through cache architec-
ture is characterized by the following:
s External read accesses are placed in the cache if
they meet proper caching requirements.
s Subsequent reads to the data in the cache are made
if the address is stored in the cache tag array.
s Write operations to a valid address in the cache are
updated in the cache
and to external memory. This
data writing technique is called
write-through.
The write-through cache implementation forces all
writes to flow through to the external bus and back to
main memory. Consequently, the write-through cache
generates a large amount of bus traffic on the external
data bus.
4.4.2
Write-Back Cache
The microprocessor write-back cache architecture is
characterized by the following:
s External read accesses are placed in the cache if
they meet proper caching requirements.
s Subsequent reads to the data in the cache are made
if the address is stored in the cache tag array.
s Write operations to a valid address in the cache that
is in the write-through (shared) state is updated in
the cache and to external memory.
s Write operations to a valid address in the cache that
is in the write-back (exclusive or modified) state is
updated
only in the cache. External memory is not
updated at the time of the cache update.
s Modified data is written back to external memory
when the modified cache line is being replaced with
a new cache line (copy-back operation) or an exter-
nal bus master has snooped a modified cache line
(write-back).
The write-back cache feature significantly reduces the
amount of bus traffic on the external bus; however, it
also adds complexity to the system design to maintain
memory coherency. The write-back cache requires en-
4
FUNCTIONAL DESCRIPTION
4.1
Overview
Am5X86 microprocessors use a 32-bit architecture with
on-chip memory management and cache memory units.
The instruction set includes the complete 486 micropro-
cessor instruction set along with extensions to serve the
new extended applications. All software written for the
486 microprocessor and previous members of the x86
architectural family can run on the Am5X86 micropro-
cessor without modification.
The on-chip Memory Management Unit (MMU) is com-
pletely compatible with the 486 MMU. The MMU in-
cludes a segmentation unit and a paging unit.
Segmentation allows management of the logical ad-
dress space by providing easy data and code relocati-
bility and efficient sharing of global resources. The
paging mechanism operates beneath segmentation and
is transparent to the segmentation process. Paging is
optional and can be disabled by system software. Each
segment can be divided into one or more 4-Kbyte seg-
ments. To implement a virtual memory system, the
Am5X86 microprocessor supports full restartability for
all page and segment faults.
4.2
Memory
Memory is organized into one or more variable length
segments, each up to 4 Gbytes (232 bytes). A segment
can have attributes associated with it, including its lo-
cation, size, type (i.e., stack, code, or data), and protec-
tion characteristics. Each task on a microprocessor can
have a maximum of 16,381 segments, each up to 4
Gbytes. Thus, each task has a maximum of 64 Tbytes
of virtual memory.
The segmentation unit provides four levels of protection
for isolating and protecting applications and the operat-
ing system from each other. The hardware-enforced
protection allows high-integrity system designs.
4.3
Modes of Operation
The Am5X86 microprocessor has four modes of opera-
tion: Real Address mode (Real mode), Virtual 8086 Ad-
dress mode (Virtual mode), Protected Address mode
(Protected mode), and System Management mode
(SMM).
4.3.1
Real Mode
In Real mode, the Am5X86 microprocessor operates as
a fast 8086. Real mode is required primarily to set up
the processor for Protected mode operation.
4.3.2
Virtual Mode
In Virtual mode, the processor appears to be in Real
mode, but can use the extended memory accessing of
Protected mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com