Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 58 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 58 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 54Page - Advanced Micro Devices AM486DX2 Datasheet HTML 55Page - Advanced Micro Devices AM486DX2 Datasheet HTML 56Page - Advanced Micro Devices AM486DX2 Datasheet HTML 57Page - Advanced Micro Devices AM486DX2 Datasheet HTML 58Page - Advanced Micro Devices AM486DX2 Datasheet HTML 59Page - Advanced Micro Devices AM486DX2 Datasheet HTML 60Page - Advanced Micro Devices AM486DX2 Datasheet HTML 61Page - Advanced Micro Devices AM486DX2 Datasheet HTML 62Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 67 page
background image
58
Am5X86 Microprocessor
AMD
PRELIMINARY
ABSOLUTE MAXIMUM RATINGS
Case Temperature under Bias . . . – 65°C to +110°C
Storage Temperature . . . . . . . . . . – 65°C to +150°C
Voltage on any pin
with respect to ground . . . . . . – 0.5 V to Vcc +2.6 V
Supply voltage with
respect to VSS . . . . . . . . . . . . . . – 0.5 V to +4.6 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent device failure. Functionality at or above
these limits is not implied. Exposure to Absolute Maximum
Ratings for extended periods may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
TCASE . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 85°C
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.3 V ±0.3 V
Operating Ranges define those limits between which the func-
tionality of the device is guaranteed.
DC CHARACTERISTICS over COMMERCIAL operating ranges
V
CC = 3.3 V ± 0.3 V; TCASE = 0°C to + 85°C
Preliminary Info
Symbol
Parameter
Min
Max
Notes
VIL
Input Low Voltage
– 0.3 V
+0.8 V
VIH
Input High Voltage
2.0 V
VCC + 2.4 V
VOL
Output Low Voltage
0.45 V
Note 1
VOH
Output High Voltage
2.4 V
Note 2
ICC
Power Supply Current:
133 MHz
931 mA
Typical supply current: 825 mA @ 133
MHz. Inputs at rails, outputs unloaded.
ICCSTOPGRANT
or ICCAUTOHALT
Input Current in Stop Grant or Auto Halt mode:
133 MHz
93 mA
Typical supply current for Stop Grant or
Auto Halt mode: 50 mA @ 133 MHz.
ICCSTPCLK
Input Current in Stop Clock mode
5 mA
Typical supply current in Stop Clock
mode is 600
µA.
ILI
Input Leakage Current
±15 µA
Note 3
IIH
Input Leakage Current
200 µA
Note 4
IIL
Input Leakage Current
– 400 µA
Note 5
ILO
Output Leakage Current
±15 µA
CIN
Input Capacitance
10 pF
FC = 1 MHz (Note 6)
CO
I/O or Output Capacitance
14 pF
FC = 1 MHz (Note 6)
CCLK
CLK Capacitance
12 pF
FC = 1 MHz (Note 6)
Notes:
1. This parameter is measured at: Address, Data, BE3 –BE0 = 4.0 mA; Definition, Control = 5.0 mA
2. This parameter is measured at: Address, Data, BE3 –BE0 = –1.0 mA; Definition, Control = –0.9 mA
3. This parameter is for inputs without internal pull-ups or pull-downs and 0
≤ V
IN ≤ VCC.
4. This parameter is for inputs with internal pull-downs and VIH = 2.4 V.
5. This parameter is for inputs with internal pull-ups and VIL = 0.45 V.
6. Not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com