Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 34Page - Advanced Micro Devices AM486DX2 Datasheet HTML 35Page - Advanced Micro Devices AM486DX2 Datasheet HTML 36Page - Advanced Micro Devices AM486DX2 Datasheet HTML 37Page - Advanced Micro Devices AM486DX2 Datasheet HTML 38Page - Advanced Micro Devices AM486DX2 Datasheet HTML 39Page - Advanced Micro Devices AM486DX2 Datasheet HTML 40Page - Advanced Micro Devices AM486DX2 Datasheet HTML 41Page - Advanced Micro Devices AM486DX2 Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 67 page
background image
38
Am5X86 Microprocessor
AMD
PRELIMINARY
Figure 20. Stop Clock State Machine
(valid for Write-back mode only)
Figure 21. Recognition of Inputs when Exiting Stop Grant State
t20
t21
CLK
STPCLK
NMI
SMI
A
STPCLK
Sampled
Note: A = Earliest time at which NMI or SMI is recognized.
A RESET or SRESET brings the CPU from the Stop
Grant state to the Normal state. The CPU recognizes
the inputs required for cache invalidations (HOLD,
AHOLD, BOFF, and EADS) as explained later. The CPU
does not recognize any other inputs while in the Stop
Grant state. Input signals to the CPU are not recognized
until 1 clock after STPCLK is deasserted (see Figure 21).
While in the Stop Grant state, the CPU does not recog-
nize transitions on the interrupt signals (SMI, NMI, and
INTR). Driving an active edge on either SMI or NMI does
not guarantee recognition and service of the interrupt
request following exit from the Stop Grant state. How-
ever, if one of the interrupt signals (SMI, NMI, or INTR)
is driven active while the CPU is in the Stop Grant state,
and held active for at least one CLK after STPCLK is
deasserted, the corresponding interrupt will be serviced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com