Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 11Page - Advanced Micro Devices AM486DX2 Datasheet HTML 12Page - Advanced Micro Devices AM486DX2 Datasheet HTML 13Page - Advanced Micro Devices AM486DX2 Datasheet HTML 14Page - Advanced Micro Devices AM486DX2 Datasheet HTML 15Page - Advanced Micro Devices AM486DX2 Datasheet HTML 16Page - Advanced Micro Devices AM486DX2 Datasheet HTML 17Page - Advanced Micro Devices AM486DX2 Datasheet HTML 18Page - Advanced Micro Devices AM486DX2 Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
Am5X86 Microprocessor
15
AMD
PRELIMINARY
FERR
Floating-Point Error (Active Low; Output)
Driven active when a floating-point error occurs, FERR
is similar to the ERROR pin on a 387 math coprocessor.
FERR is included for compatibility with systems using
DOS-type floating-point error reporting. FERR is active
Low, and is not floated during bus hold, except during
Tri-state Test mode (see FLUSH).
FLUSH
Cache Flush (Active Low; Input)
In Write-back mode, FLUSH forces the microprocessor
to write-back all modified cache lines and invalidate its
internal cache. The microprocessor generates two flush
acknowledge special bus cycles to indicate completion
of the write-back and invalidation. In Write-through
mode, FLUSH invalidates the cache without issuing a
special bus cycle. FLUSH is an active Low input that
needs to be asserted only for one clock. FLUSH is asyn-
chronous, but setup and hold times t20 and t21 must be
met for recognition in any specific clock. Sampling
FLUSH Low in the clock before the falling edge of
RESET causes the microprocessor to enter Tri-state
Test mode.
HITM
Hit Modified Line (Active Low; Output)
In Write-back mode (WB/WT=1 at RESET), HITM indi-
cates that an external snoop cache tag comparison hit
a modified line. When a snoop hits a modified line in the
internal cache, the microprocessor asserts HITM two
clocks after EADS is asserted. The HITM signal stays
asserted (Low) until the last BRDY for the corresponding
write-back cycle. At all other times, HITM is deasserted
(High). During RESET, the HITM signal can be used to
detect whether the CPU is operating in Write-back
mode. In Write-back mode (WB/WT=1 at RESET), HITM
is deasserted (driven High) until the first snoop that hits
a modified line. In Write-through mode, HITM floats at
all times.
HLDA
Hold Acknowledge (Active High; Output)
The HLDA signal is activated in response to a hold re-
quest presented on the HOLD pin. HLDA indicates that
the microprocessor has given the bus to another local
bus master. HLDA is driven active in the same clock in
which the microprocessor floats its bus. HLDA is driven
inactive when leaving bus hold. HLDA is active High and
remains driven during bus hold. HLDA is floated only
during Tri-state Test mode (see FLUSH).
HOLD
Bus Hold Request (Active High; Input)
HOLD gives control of the microprocessor bus to anoth-
er bus master. In response to HOLD going active, the
microprocessor floats most of its output and input/output
pins. HLDA is asserted after completing the current bus
cycle, burst cycle, or sequence of locked cycles. The
microprocessor remains in this state until HOLD is deas-
serted. HOLD is active High and does not have an in-
ternal pull-down resistor. HOLD must satisfy setup and
hold times t18 and t19 for proper operation.
IGNNE
Ignore Numeric Error (Active Low; Input)
When this pin is asserted, the Am5X86 microprocessor
will ignore a numeric error and continue executing
non-control floating-point instructions. When IGNNE is
deasserted, the Am5X86 microprocessor will freeze on
a non-control floating-point instruction if a previous float-
ing-point instruction caused an error. IGNNE has no
effect when the NE bit in Control Register 0 is set. IGNNE
is active Low and is provided with a small internal pullup
resistor. IGNNE is asynchronous but must meet setup
and hold times t20 and t21 to ensure recognition in any
specific clock.
INTR
Maskable Interrupt (Active High; Input)
When asserted, this signal indicates that an external
interrupt has been generated. If the internal interrupt
flag is set in EFLAGS, active interrupt processing is ini-
tiated. The microprocessor generates two locked inter-
rupt acknowledge bus cycles in response to the INTR
pin going active. INTR must remain active until the in-
terrupt acknowledges have been performed to ensure
that the interrupt is recognized. INTR is active High and
is not provided with an internal pull-down resistor. INTR
is asynchronous, but must meet setup and hold times
t20 and t21 for recognition in any specific clock.
INV
Invalidate (Active High; Input)
The external system asserts INV to invalidate the cache-
line state when an external bus master proposes a write.
It is sampled together with A31–A4 during the clock in
which EADS is active. INV has an internal weak pull-up.
INV is ignored in Write-through mode.
KEN
Cache Enable (Active Low; Input)
KEN determines whether the current cycle is cacheable.
When the microprocessor generates a cacheable cycle
and KEN is active one clock before RDY or BRDY during
the first transfer of the cycle, the cycle becomes a cache
line fill cycle. Returning KEN active one clock before
RDY during the last read in the cache line fill causes the
line to be placed in the on-chip cache. KEN is active
Low and is provided with a small internal pull-up resistor.
KEN must satisfy setup and hold times t14 and t15 for
proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com