Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 27Page - Advanced Micro Devices AM486DX2 Datasheet HTML 28Page - Advanced Micro Devices AM486DX2 Datasheet HTML 29Page - Advanced Micro Devices AM486DX2 Datasheet HTML 30Page - Advanced Micro Devices AM486DX2 Datasheet HTML 31Page - Advanced Micro Devices AM486DX2 Datasheet HTML 32Page - Advanced Micro Devices AM486DX2 Datasheet HTML 33Page - Advanced Micro Devices AM486DX2 Datasheet HTML 34Page - Advanced Micro Devices AM486DX2 Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 67 page
background image
Am5X86 Microprocessor
31
AMD
PRELIMINARY
Step 10 In the same clock cycle, the snooping cache
drives HITM back to 1.
Step 11 The write of data A is finished if BRDY transi-
tions to 0 (BLAST = 0), because it is a single
word.
The software write sequence was first data A and then
data B. But on the external bus the data appear first as
data B and then data A. The order of writes is changed.
In most cases, it is unnecessary to strictly maintain the
ordering of writes. However, some cases (for example,
writing to hardware control registers) require writes to
be observed externally in the same order as pro-
grammed. There are two options to ensure serialization
of writes, both of which drive the cache to Write-through
mode:
1.
Set the PWT bit in the page table entries.
2.
Drive the WB/WT signal Low when accessing these
memory locations.
Option 1 is an operating-system-level solution not di-
rectly implemented by user-level code. Option 2, the
hardware solution, is implemented at the system level.
BLAST
Data
BRDY
EADS
ADS
HITM
Cached Data
AHOLD
CLK
Write Buffer
B original
1
A
2
6
5
B modified
4
3
B
B+4
B+8
B+12
8
A
Ignored
9
7
XXX
Note:
The circled numbers in this figure represent the steps in section 4.8.7.1.
Figure 14. Write Cycle Reordering Due to Buffering
10
11
Step 3 The next write of the processor hits the cache
and the line is non-shared. Therefore, data B is
written into the cache. The cache line transits
to the modified state.
Step 4 In the same clock cycle, a snoop request to the
same address where data B resides is started
because EADS = 0. The snoop hits a modified
line. EADS is ignored due to the hit of a modified
line, but is detected again as early as in step 10.
Step 5 Two clock cycles after EADS asserts, HITM be-
comes valid.
Step 6 Because the processor-initiated access cannot
be finished (AHOLD is still 1), the BIU gives
priority to a write-back access that does not re-
quire the use of the address bus. Therefore, in
the clock cycle, the cache starts the write-back
sequence indicated by ADS = 0 and W/R = 0.
Step 7 During the write-back sequence, AHOLD is
deasserted.
Step 8 The write-back access is finished when BLAST
and BRDY transition to 0.
Step 9 After the last write-back access, the BIU starts
writing data A from the write buffers. This is
indicated by ADS = 0 and W/R = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com