Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 42 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 42 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 38Page - Advanced Micro Devices AM486DX2 Datasheet HTML 39Page - Advanced Micro Devices AM486DX2 Datasheet HTML 40Page - Advanced Micro Devices AM486DX2 Datasheet HTML 41Page - Advanced Micro Devices AM486DX2 Datasheet HTML 42Page - Advanced Micro Devices AM486DX2 Datasheet HTML 43Page - Advanced Micro Devices AM486DX2 Datasheet HTML 44Page - Advanced Micro Devices AM486DX2 Datasheet HTML 45Page - Advanced Micro Devices AM486DX2 Datasheet HTML 46Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
42
Am5X86 Microprocessor
AMD
PRELIMINARY
CLK
CLK2
SMI
SMIACT
ADS
RDY
T1
T2
Normal State
State
Save
SMM
Handler
State
Restore
Normal
State
E
Clock-Tripled CPU
Clock-Quadrupled CPU
A: Last RDY from non-SMM transfer to SMIACT assertion
2 CLKs minimum
2 CLKs minimum
B: SMIACT assertion to first ADS for SMM state save
15 CLKs minimum
10 CLKs minimum
C: SMM state save (dependent on memory performance)
100 CLKs
70 CLKs
D: SMI handler
User-determined
User-determined
E: SMM state restore (dependent on memory performance)
180 CLKs
120 CLKs
F: Last RDY from SMM transfer to deassertion of SMIACT
2 CLKs minimum
2 CLKs minimum
G: SMIACT deassertion of first non-SMM ADS
20 CLKs minimum
20 CLKs minimum
Figure 25. SMIACT Timing
D
C
A
B
G
F
7.3.3
SMRAM
The CPU uses the SMRAM space for state save and
state restore operations during an SMI. The SMI han-
dler, which also resides in SMRAM, uses the SMRAM
space to store code, data, and stacks. In addition, the
SMI handler can use the SMRAM for system manage-
ment information such as the system configuration, con-
figuration of a powered-down device, and system
designer-specific information.
Note: Access to SMRAM is through the CPU internal
cache. To ensure cache consistency and correct oper-
ation, always assert the FLUSH pin in the same clock
as SMI for systems using overlaid SMRAM.
The CPU asserts SMIACT to indicate to the memory
controller that it is operating in System Management
mode. The system logic should ensure that only the
CPU and SMI handler have access to this area. Alter-
nate bus masters or DMA devices trying to access the
SMRAM space when SMIACT is active should be di-
rected to system RAM in the respective area. The sys-
tem logic is minimally required to decode the physical
memory address range 38000h–3FFFFh as SMRAM
area. The CPU saves its state to the state save area
from 3FFFFh downward to 3FE00h. After saving its
state, the CPU jumps to the address location 38000h to
begin executing the SMI handler. The system logic can
choose to decode a larger area of SMRAM as needed.
The size of this SMRAM can be between 32 Kbytes and
4 Gbytes.The system logic should provide a manual
method for switching the SMRAM into system memory
space when the CPU is not in SMM. This enables ini-
tialization of the SMRAM space (i.e., loading SMI han-
dler) before executing the SMI handler during SMM (see
Figure 26).
SMRAM
System memory
accesses redirected
to SMRAM
System memory
accesses not
redirected to SMRAM
CPU
accesses to
system
address
space used
for loading
SMRAM
Normal
Memory
Space
Figure 26. Redirecting System Memory
Address to SMRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com