Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 60 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 60 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 56Page - Advanced Micro Devices AM486DX2 Datasheet HTML 57Page - Advanced Micro Devices AM486DX2 Datasheet HTML 58Page - Advanced Micro Devices AM486DX2 Datasheet HTML 59Page - Advanced Micro Devices AM486DX2 Datasheet HTML 60Page - Advanced Micro Devices AM486DX2 Datasheet HTML 61Page - Advanced Micro Devices AM486DX2 Datasheet HTML 62Page - Advanced Micro Devices AM486DX2 Datasheet HTML 63Page - Advanced Micro Devices AM486DX2 Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 67 page
background image
60
Am5X86 Microprocessor
AMD
PRELIMINARY
Am5X86 Microprocessor AC Characteristics for
Boundary Scan Test Signals at 25 MHz
V
CC = 3.3 V ±0.3 V; TCASE = 0°C to +85°C; CL = 50 pF unless otherwise specified
Preliminary Info
Symbol
Parameter
Min
Max
Unit
Figure
Notes
t24
TCK Frequency
25
MHz
1x Clock
t25
TCK Period
40
ns
45, 46
Note 1
t26
TCK High Time at 2 V
10
ns
45
t27
TCK Low Time at 0.8 V
10
ns
45
t28
TCK Rise Time (0.8 V–2 V)
4
ns
45
Note 2
t29
TCK Fall Time (2 V–0.8 V)
4
ns
45
Note 2
t30
TDI, TMS Setup Time
8
ns
46
Note 3
t31
TDI, TMS Hold Time
7
ns
46
Note 3
t32
TDO Valid Delay
3
25
ns
46
Note 3
t33
TDO Float Delay
36
ns
46
Note 3
t34
All Outputs (Non-Test) Valid Delay
3
25
ns
46
Note 3
t35
All Outputs (Non-Test) Float Delay
30
ns
46
Note 3
t36
All Inputs (Non-Test) Setup Delay
8
ns
46
Note 3
t37
All Inputs (Non-Test) Hold Time
7
ns
46
Note 3
Notes:
1. TCK period
≥ CLK period.
2. Rise/Fall times can be relaxed by 1 ns per 10-ns increase in TCK period.
3. Parameter measured from TCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com