Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 32Page - Advanced Micro Devices AM486DX2 Datasheet HTML 33Page - Advanced Micro Devices AM486DX2 Datasheet HTML 34Page - Advanced Micro Devices AM486DX2 Datasheet HTML 35Page - Advanced Micro Devices AM486DX2 Datasheet HTML 36Page - Advanced Micro Devices AM486DX2 Datasheet HTML 37Page - Advanced Micro Devices AM486DX2 Datasheet HTML 38Page - Advanced Micro Devices AM486DX2 Datasheet HTML 39Page - Advanced Micro Devices AM486DX2 Datasheet HTML 40Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
36
Am5X86 Microprocessor
AMD
PRELIMINARY
4.10.3 PLOCK Operation in Write-Through Mode
As described in Section 3, PLOCK is only used in Write-
through mode; the signal is driven inactive in Write-back
mode. In Write-through mode, the processor drives
PLOCK Low to indicate that the current bus transaction
requires more than one bus cycle. The CPU continues
to drive the signal Low until the transaction is completed,
whether or not RDY or BRDY is returned. Refer to the
pin description for additional information.
5
CLOCK CONTROL
5.1
Clock Generation
The Am5X86 CPU is driven by a 1x clock that relies on
phased-lock loop (PLL) to generate the two internal
clock phases: phase one and phase two. The rising edge
of CLK corresponds to the start of phase one (ph1). All
external timing parameters are specified relative to the
rising edge of CLK.
5.2
Stop Clock
The Am5X86 CPU also provides an interrupt mecha-
nism, STPCLK, that allows system hardware to control
the power consumption of the CPU by stopping the in-
ternal clock to the CPU core in a sequenced manner.
The first low-power state is called the Stop Grant state.
If the CLK input is completely stopped, the CPU enters
into the Stop Clock state (the lowest power state). When
the CPU recognizes a STPCLK interrupt, the processor:
s Stops execution on the next instruction boundary
(unless superseded by a higher priority interrupt)
s Waits for completion of cache flush
s Stops the pre-fetch unit
s Empties all internal pipelines and write buffers
s Generates a Stop Grant bus cycle
s Stops the internal clock
At this point the CPU is in the Stop Grant state.
The CPU cannot respond to a STPCLK request from an
HLDA state because it cannot empty the write buffers
and, therefore, cannot generate a Stop Grant cycle. The
rising edge of STPCLK signals the CPU to return to
program execution at the instruction following the inter-
rupted instruction. Unlike the normal interrupts (INTR
and NMI), STPCLK does not initiate interrupt acknowl-
edge cycles or interrupt table reads.
5.2.1
External Interrupts in Order of Priority
In Write-through mode, the priority order of external in-
terrupts is:
1. RESET/SRESET
2. FLUSH
3. SMI
4. NMI
5. INTR
6. STPCLK
In Write-back mode, the priority order of external inter-
rupts is:
1. RESET
2. FLUSH
3. SRESET
4. SMI
5. NMI
6. INTR
7. STPCLK
STPCLK is active Low and has an internal pull-up re-
sistor. STPCLK is asynchronous, but setup and hold
times must be met to ensure recognition in any specific
clock. STPCLK must remain active until the Stop Grant
special bus cycle is asserted and the system responds
with either RDY or BRDY. When the CPU enters the
Stop Grant state, the internal pull-up resistor is disabled,
reducing the CPU power consumption. The STPCLK
input must be driven High (not floated) to exit the Stop
Grant state. STPCLK must be deasserted for a minimum
of five clocks after RDY or BRDY is returned active for
the Stop Grant bus cycle before being asserted again.
There are two regions for the Low-power mode supply
current:
1.
Low Power: Stop Grant state (fast wake-up, frequency-
and voltage-dependent)
2.
Lowest Power: Stop Clock state (slow wake-up, volt-
age-dependent)
5.3
Stop Grant Bus Cycle
The processor drives a special Stop Grant bus cycle to
the bus after recognizing the STPCLK interrupt. This
bus cycle is the same as the HALT cycle used by a
standard Am486 microprocessor, with the exception
that the Stop Grant bus cycle drives the value 0000
0010h on the address pins.
s M/lO = 0
s D/C = 0
s W/R =1
s Address Bus = 0000 0010h (A
4 = 1)
s BE3–BE0 = 1011
s Data bus = undefined
The system hardware must acknowledge this cycle by
returning RDY or BRDY, or the processor will not enter
the Stop Grant state (see Figure 19). The latency be-
tween a STPCLK request and the Stop Grant bus cycle
depends on the current instruction, the amount of data
in the CPU write buffers, and the system memory per-
formance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com