Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 47 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 47 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 43Page - Advanced Micro Devices AM486DX2 Datasheet HTML 44Page - Advanced Micro Devices AM486DX2 Datasheet HTML 45Page - Advanced Micro Devices AM486DX2 Datasheet HTML 46Page - Advanced Micro Devices AM486DX2 Datasheet HTML 47Page - Advanced Micro Devices AM486DX2 Datasheet HTML 48Page - Advanced Micro Devices AM486DX2 Datasheet HTML 49Page - Advanced Micro Devices AM486DX2 Datasheet HTML 50Page - Advanced Micro Devices AM486DX2 Datasheet HTML 51Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
Am5X86 Microprocessor
47
AMD
PRELIMINARY
7.7.3
Auto HALT Restart
The Auto HALT Restart slot at register offset (word lo-
cation) 7F02h in SMRAM indicates to the SMI handler
that the SMI interrupted the CPU during a HALT state;
bit 0 of slot 7F02h is set to 1 if the previous instruction
was a HALT (see Figure 28). If the SMI did not interrupt
the CPU in a HALT state, then the SMI microcode sets
bit 0 of the Auto HALT Restart slot to 0. If the previous
instruction was a HALT, the SMI handler can choose to
either set or reset bit 0. If this bit is set to 1, the RSM
microcode execution forces the processor to re-enter
the HALT state. If this bit is set to 0 when the RSM
instruction is executed, the processor continues execu-
tion with the instruction just after the interrupted HALT
instruction. If the HALT instruction is restarted, the CPU
will generate a memory access to fetch the HALT in-
struction (if it is not in the internal cache), and execute
a HALT bus cycle.
Table 15 shows the possible restart configurations. If
the interrupted instruction was not a HALT instruction
(bit 0 is set to 0 in the Auto HALT Restart slot upon SMM
entry), setting bit 0 to 1 will cause unpredictable behavior
when the RSM instruction is executed.
7.7.4
I/O Trap Restart
The I/O instruction restart slot (register offset 7F00h in
SMRAM) gives the SMI handler the option of causing
the RSM instruction to automatically re-execute the in-
terrupted I/O instruction (see Figure 29).
.
When the RSM instruction is executed — if the I/O in-
struction restart slot contains the value 0FFh — the CPU
automatically re-executes the l/O instruction that the
SMI signal trapped. If the I/O instruction restart slot con-
tains the value 00h when the RSM instruction is execut-
ed, then the CPU does not re-execute the I/O instruction.
The CPU automatically initializes the I/O instruction re-
start slot to 00h during SMM entry. The I/O instruction
restart slot should be written only when the processor
has generated an SMI on an I/O instruction boundary.
Processor operation is unpredictable when the I/O in-
struction restart slot is set when the processor is servic-
ing an SMI that originated on a non-I/O instruction
boundary.
If the system executes back-to-back SMI requests, the
second SMI handler must not set the I/O instruction re-
start slot. The second back-to-back SMI signal will not
have the I/O Trap Word set.
7.7.5
I/O Trap Word
The I/O Trap Word contains the address of the I/O ac-
cess that forced the external chipset to assert SMI,
whether it was a read or write access, and whether the
instruction that caused the access to the I/O address
was a valid I/O instruction. Table 16 shows the layout.
Bits 31–16 contain the I/O address that was being ac-
cessed at the time SMI became active. Bits 15–2 are
reserved.
If the instruction that caused the I/O trap to occur was
a valid I/O instruction (IN, OUT, INS, OUTS, REP INS,
or REP OUTS), the Valid I/O Instruction bit is set. If it
was not a valid I/O instruction, the bit is saved as a 0.
For REP instructions, the external chip set should return
a valid SMI within the first access.
Bit 0 indicates whether the opcode that was accessing
the I/O location was performing either a read (1) or a
write (0) operation as indicated by the R/W bit.
Table 15. HALT Auto Restart Configuration
Value at
Entry
Value
at Exit
Processor Action on Exit
0
0
Return to next instruction in interrupted
program
0
1
Unpredictable
1
0
Returns to instruction after HALT
1
1
Returns to interrupted HALT instruction
HALT Auto Restart
Register Offset 7F02h
Reserved
15
1
0
Figure 28. Auto HALT Restart Register Offset
Table 16. I/O Trap Word Configuration
31–16
15–2
1
0
I/O Address
Reserved
Valid I/O Instruction
R/W
15
0
I/O instruction restart slot
Register offset 7F00h
Figure 29. I/O Instruction Restart Register Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com