Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 56 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 56 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 52Page - Advanced Micro Devices AM486DX2 Datasheet HTML 53Page - Advanced Micro Devices AM486DX2 Datasheet HTML 54Page - Advanced Micro Devices AM486DX2 Datasheet HTML 55Page - Advanced Micro Devices AM486DX2 Datasheet HTML 56Page - Advanced Micro Devices AM486DX2 Datasheet HTML 57Page - Advanced Micro Devices AM486DX2 Datasheet HTML 58Page - Advanced Micro Devices AM486DX2 Datasheet HTML 59Page - Advanced Micro Devices AM486DX2 Datasheet HTML 60Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 67 page
background image
56
Am5X86 Microprocessor
AMD
PRELIMINARY
10
Am5X86 CPU IDENTIFICATION
The Am5X86 microprocessor supports two standard
methods for identifying the CPU in a system. The re-
ported values are assigned based on the RESET status
of the WB/WT pin input (Low = write-through; High =
write-back).
10.1 DX Register at RESET
The DX register always contains a component identifier
at the conclusion of RESET. The upper byte of DX (DH)
contains 04 and the lower byte of DX (DL) contains a
CPU type/stepping identifier (see Table 19).
10.2 CPUID Instruction
The Am5X86 microprocessor family implements the
CPUID instruction that makes information available to
software about the family, model and stepping of the
microprocessor on which it is executing. Support of this
instruction is indicated by the presence of a user-mod-
ifiable bit in position EFLAGS.21, referred to as the
EFLAGS.ID bit. This bit is reset to zero at device reset
(RESET or SRESET) for compatibility with existing pro-
cessor designs.
10.2.1 CPUID Timing
CPUID execution timing depends on the selected EAX
parameter values (see Table 20).
10.2.2 CPUID Operation
The CPUID instruction requires the user to pass an input
parameter to the CPU in the EAX register. The CPU
response is returned to the user in registers EAX, EBX,
ECX, and EDX.
When the parameter passed in EAX is zero, the register
values returned upon instruction execution are:
The values in EBX, ECX, and EDX indicate an AMD
microprocessor. When taken in the proper order:
s EBX (least significant bit to most significant bit)
s EDX (least significant bit to most significant bit)
s ECX (least significant bit to most significant bit)
they decode to
AuthenticAMD
When the parameter passed in EAX is 1, the register
values returned are:
The value returned in EAX after CPUID instruction ex-
ecution is identical to the value loaded into EDX upon
device reset. Software must avoid any dependency
upon the state of reserved processor bits.
When the parameter passed in EAX is greater than one,
register values returned upon instruction execution are:
Table 19. CPU ID Codes
CLKMUL Setting/Cache mode
Component
ID (DH)
Revision
ID (DL)
Write-through mode
04
Ex
Write-back mode
04
Fx
Table 20. CPUID Instruction Description
OP
Code
Instruction
EAX
Input
Value
CPU
Core
Clocks
Description
0F A2 CPUID
0
1
>1
41
14
9
AMD string
CPU ID Register
null registers
EAX[31:0]
00000001h
EBX[31:0]
68747541h
ECX[31:0]
444D4163h
EDX[31:0]
69746E65h
EAX[3:0]
Stepping ID*
EAX[7:4]
model:
Am5X86 CPU:
Write-through mode = Eh
Write-back mode = Fh
EAX[11:8]
Family
486 Instruction Set = 4h
EAX[15:12]
0000
EAX[31:16]
RESERVED
EBX[31:0]
00000000h
ECX[31:0]
00000000h
EDX[31:0]
00000001h = all versions
The 1 in bit 0 indicates that the FPU
is present
Note:
*Please contact AMD at (800) 222-9323
for stepping ID details.
EAX[31:0]
00000000h
EBX[31:0]
00000000h
ECX[31:0]
00000000h
EDX[31:0]
00000000h
Flags affected: No flags are affected.
Exceptions: None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com