Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 42Page - Advanced Micro Devices AM486DX2 Datasheet HTML 43Page - Advanced Micro Devices AM486DX2 Datasheet HTML 44Page - Advanced Micro Devices AM486DX2 Datasheet HTML 45Page - Advanced Micro Devices AM486DX2 Datasheet HTML 46Page - Advanced Micro Devices AM486DX2 Datasheet HTML 47Page - Advanced Micro Devices AM486DX2 Datasheet HTML 48Page - Advanced Micro Devices AM486DX2 Datasheet HTML 49Page - Advanced Micro Devices AM486DX2 Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
46
Am5X86 Microprocessor
AMD
PRELIMINARY
7.7.1
Exceptions and Interrupts with System
Management Mode
When the CPU enters SMM, it disables INTR interrupts,
debug, and single step traps by clearing the EFLAGS,
DR6, and DR7 registers. This prevents a debug appli-
cation from accidentally breaking into an SMI handler.
This is necessary because the SMI handler operates
from a distinct address space (SMRAM) and the debug
trap does not represent the normal system memory
space.
For an SMI handler to use the debug trap feature of the
processor to debug SMI handler code, it must first en-
sure that an SMM-compliant debug handler is available.
The SMI handler must also ensure DR3–DR0 is saved
to be restored later. The debug registers DR3–DR0 and
DR7 must then be initialized with the appropriate values.
For the processor to use the single step feature of the
processor, it must ensure that an SMM-compliant single
step handler is available and then set the trap flag in the
EFLAGS register. If the system design requires the pro-
cessor to respond to hardware INTR requests while in
SMM, it must ensure that an SMM-compliant interrupt
handler is available, and then set the interrupt flag in the
EFLAGS register (using the STI instruction). Software
interrupts are not blocked on entry to SMM, and the
system software designer must provide an SMM-com-
pliant interrupt handler before attempting to execute any
software interrupt instructions. Note that in SMM mode,
the interrupt vector table has the same properties and
location as the Real mode vector table.
NMI interrupts are blocked on entry to the SMI handler.
If an NMI request occurs during the SMI handler, it is
latched and serviced after the processor exits SMM.
Only one NMI request is latched during the SMI handler.
If an NMI request is pending when the processor exe-
cutes the RSM instruction, the NMI is serviced before
the next instruction of the interrupted code sequence.
Although NMI requests are blocked when the CPU en-
ters SMM, they may be enabled through software by
executing an IRET instruction. If the SMI handler re-
quires the use of NMI interrupts, it should invoke a dum-
my interrupt service routine to execute an IRET
instruction. When an IRET instruction is executed, NMI
interrupt requests are serviced in the same Real mode
manner in which they are handled outside of SMM.
7.7.2
SMM Revisions Identifier
The 32-bit SMM Revision Identifier specifies the version
of SMM and the extensions that are available on the
processor. The fields of the SMM Revision Identifiers
and bit definitions are shown in Table 13 and Table 14.
Bit 17 or 16 indicates whether the feature is supported
(1=supported, 0=not supported). The processor always
reads the SMM Revision Identifier at the time of a re-
store. The I/O Trap Extension and SMM Base Reloca-
tion bits are fixed. The processor writes these bits out
at the time it performs a save state.
Note: Changing the state of the reserved bits may result
in unpredictable processor behavior.
Table 13. SMM Revision Identifier
31–18
17
16
15–0
Reserved
SMM Base
Relocation
I/O Trap
Extension
SMM Revision Level
00000000000000
1
1
0000h
Table 14. SMM Revision Identifier Bit Definitions
Bit Name
Description
Default
State
State at
SMM
Entry
State at
SMM Exit
Notes
SMM Base
Relocation
1=SMM Base Relocation Available
0=SMM Base Relocation
Unavailable
1
1
0
1
0
No Change in State
No Change in State
I/O Trap Extension
1=I/O Trapping Available
0=I/O Trapping Unavailable
1
1
0
1
0
No Change in State
No Change in State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com