Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 65 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 65 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 59Page - Advanced Micro Devices AM486DX2 Datasheet HTML 60Page - Advanced Micro Devices AM486DX2 Datasheet HTML 61Page - Advanced Micro Devices AM486DX2 Datasheet HTML 62Page - Advanced Micro Devices AM486DX2 Datasheet HTML 63Page - Advanced Micro Devices AM486DX2 Datasheet HTML 64Page - Advanced Micro Devices AM486DX2 Datasheet HTML 65Page - Advanced Micro Devices AM486DX2 Datasheet HTML 66Page - Advanced Micro Devices AM486DX2 Datasheet HTML 67Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 65 / 67 page
background image
Am5X86 Microprocessor
65
AMD
PRELIMINARY
12
PACKAGE THERMAL
SPECIFICATIONS
The Am5X86 microprocessor is specified for operation
when TCASE (the case temperature) is within the range
of 0
°C to +55°C or +85°C. T
CASE can be measured in
any environment to determine whether the Am5X86 mi-
croprocessor is within specified operating range. The
case temperature should be measured at the center of
the top surface opposite the pins.
The ambient temperature (TA) is guaranteed if TCASE is
not violated. The ambient temperature can be calculated
from
θ
JC and θJA and from the following equations:
TJ = TCASE + (P • θJC)
TA = TJ – (P • θJA)
TCASE = TA + (P • [θJA – θJC])
Where:
TJ, TA, TCASE = Junction, Ambient, and Case Temperature
θ
JC, θJA
= Junction-to-Case and Junction-to-Ambient
Thermal Resistance, respectively
P
= Maximum Power Consumption
The values for
θ
JA and θJC are given in Table 21 for the
1.75 sq. in., 168-pin, ceramic PGA. For the 208-pin
SQFP plastic package,
θ
JA = 14.0 and θJC = 1.5.
Table 22 shows the T
A allowable (without exceeding
T
CASE) at various airflows and TCASE values for the PGA
package. Note that T
A is greatly improved by attaching
a heat sink to the package. P (the maximum power con-
sumption) is calculated by using a maximum I
CC value
of 931 mA at 3.3 V. Table 23 shows the T
A allowable
(without exceeding T
CASE) for the SQFP package using
a maximum I
CC value of 931 mA at 3.3 V.
Note:
*0.350
high unidirectional heat sink (Al alloy 6063-T5, 40 mil fin width, 155 mil center-to-center fin spacing)
Table 21. Thermal Resistance (°C/W)
θ
JC and θJA for the Am5
X86 CPU in 168-Pin PGA Package
Cooling
Mechanism
θ
JC
θ
JA vs. Airflow-Linear ft/min. (m/s)
0
(0)
200
(1.01)
400
(2.03)
600
(3.04)
800
(4.06)
1000
(5.07)
No Heat Sink
1.5
16.5
14.0
12.0
10.5
9.5
9.0
Heat Sink*
2.0
12.0
7.0
5.0
4.0
3.5
3.25
Heat Sink* and fan
2.0
5.0
4.6
4.2
3.8
3.5
3.25
Table 22. Maximum T
A at Various Airflows in °C
TA by Cooling Type
TCASE
Clock
Airflow-Linear ft/min. (m/sec)
0
(0)
200
(1.01)
400
(2.03)
600
(3.04)
800
(4.06)
1000
(5.07)
TA without Heat Sink
55
°C
133 MHz
8.9
°C
16.6
°C
22.7
°C
27.3
°C
30.4
°C
32.0
°C
TA with Heat Sink
55
°C
133 MHz
24.3
°C
39.6
°C
45.8
°C
48.9
°C
50.4
°C
51.2
°C
TA with Heat Sink and fan
55
°C
133 MHz
45.8
°C
47.0
°C
48.2
°C
49.5
°C
50.4
°C
51.2
°C
TA without Heat Sink
85
°C
133 MHz
38.9
°C
46.6
°C
52.7
°C
57.3
°C
60.4
°C
62.0
°C
TA with Heat Sink
85
°C
133 MHz
54.3
°C
69.6
°C
75.8
°C
78.9
°C
80.4
°C
81.2
°C
TA with Heat Sink and fan
85
°C
133 MHz
75.8
°C
77.0
°C
78.2
°C
79.5
°C
80.4
°C
81.2
°C
Table 23. Maximum T
A for SQFP Package by Clock Frequency
TCASE
Clock
T
A
85
°C
133 MHz
46.6
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com